Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP4422A Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP4422A
Description  Electroluminescent Lamp Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4422A Datasheet(HTML) 5 Page - Sipex Corporation

  SP4422A Datasheet HTML 1Page - Sipex Corporation SP4422A Datasheet HTML 2Page - Sipex Corporation SP4422A Datasheet HTML 3Page - Sipex Corporation SP4422A Datasheet HTML 4Page - Sipex Corporation SP4422A Datasheet HTML 5Page - Sipex Corporation SP4422A Datasheet HTML 6Page - Sipex Corporation SP4422A Datasheet HTML 7Page - Sipex Corporation SP4422A Datasheet HTML 8Page - Sipex Corporation SP4422A Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SP4422ADS/15
SP4422A Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
5
When the energy from the coil is released, a high
voltage spike is created triggering the SCR
switches. The direction of current flow is
determined by which SCR is enabled. One full
cycle of the H-bridge will create 16 voltage steps
from ground to 80V (typical) on pins 4 and 5 which
are 180 degrees out of phase from each other (see
figure 3 on page 9. A differential representation of
the outputs is shown in figure 4 on page 9.
Layout Considerations
The SP4422A circuit board layout must observe
careful analog precautions. For applications with
noisy voltage power supplies a 0.1
µF low ESR
decoupling capacitor must be connected from V
DD
to ground. Any high voltage traces should be
isolated from any digital clock traces or enable
lines. A solid ground plane connection is strongly
recommended. All traces to the coil or to the high
voltage outputs should be kept as short as possible
to minimize capacitive coupling to digital clock
lines and to reduce EMI emissions.
Electroluminescent Technology
What is electroluminescence?
An EL lamp is basically a strip of plastic that is
coated with a phosphorous material which emits
light (fluoresces) when a high voltage (>40V)
which was first applied across it, is removed or
reversed. Long periods of DC voltages applied to
the material tend to breakdown the material and
reduce its lifetime. With these considerations in
mind, the ideal signal to drive an EL lamp is a high
voltage sine wave. Traditional approaches to
achieving this type of waveform included discrete
circuits incorporating a transformer, transistors,
and several resistors and capacitors. This approach
is large and bulky, and cannot be implemented in
most hand held equipment. Sipex now offers low
power single chip driver circuits specifically
designed to drive small to medium sized
electroluminescent panels. All that is required is
one external inductor and capacitor.
Electroluminescent backlighting is ideal when used
with LCD displays, keypads, or other backlit
readouts. Its main use is to illuminate displays in
dim to dark conditions for momentary periods of
time. EL lamps typically consume less than LEDs
or bulbs making them ideal for battery powered
products. Also, EL lamps are able to evenly light
an area without creating "hot spots" in the display.
The amount of light emitted is a function of the
voltage applied to the lamp, the frequency at which
it is applied, the lamp material used and its size,
and lastly, the inductor used. There are many
variables which can be optimized for specific
applications. Sipex supplies characterization charts
to aid the designer in selecting the optimum circuit
configuration (see page 6).
SP4422A Test Circuit
0.1
µF Low ESR
Decoupling
Capacitor
NOTE:
Keep high voltage traces
short and away from VDD
and clock lines
Cap2
Cap1
VDD
EL1
HON
VSS
Coil
EL2
HON=V
DD=ON
HON=0V=OFF
SP4422A
VIN=3V
NOTE:
Keep coil as close to the
SP4422A as possible
+
COSC=100pF
100
17nF


Similar Part No. - SP4422A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4423 SIPEX-SP4423 Datasheet
180Kb / 13P
   Electroluminescent Lamp Driver Low Power Applications
SP4423CN SIPEX-SP4423CN Datasheet
180Kb / 13P
   Electroluminescent Lamp Driver Low Power Applications
SP4423CU SIPEX-SP4423CU Datasheet
180Kb / 13P
   Electroluminescent Lamp Driver Low Power Applications
SP4423CX SIPEX-SP4423CX Datasheet
180Kb / 13P
   Electroluminescent Lamp Driver Low Power Applications
SP4423NEB SIPEX-SP4423NEB Datasheet
180Kb / 13P
   Electroluminescent Lamp Driver Low Power Applications
More results

Similar Description - SP4422A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
   Electroluminescent Lamp Driver
logo
List of Unclassifed Man...
ZSP4422A ETC1-ZSP4422A Datasheet
145Kb / 8P
   Electroluminescent Lamp Driver
D365A ETC1-D365A Datasheet
299Kb / 12P
   Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
   Electroluminescent Lamp Driver IC
D340B ETC1-D340B Datasheet
364Kb / 9P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
   Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
logo
List of Unclassifed Man...
D355B ETC1-D355B Datasheet
534Kb / 14P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441 Datasheet
152Kb / 12P
   Electroluminescent Lamp Driver IC
April, 2000 ??Rev. 1
logo
List of Unclassifed Man...
D306A ETC1-D306A Datasheet
407Kb / 13P
   Electroluminescent Lamp Driver IC
logo
Maxim Integrated Produc...
MAX14514 MAXIM-MAX14514 Datasheet
215Kb / 14P
   Dual Electroluminescent Lamp Driver
19-4466; Rev 0; 2/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com