Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3487CT Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP3487CT
Description  3.3V Low Power Quad RS-485/RS-422 Line Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3487CT Datasheet(HTML) 8 Page - Sipex Corporation

  SP3487CT Datasheet HTML 1Page - Sipex Corporation SP3487CT Datasheet HTML 2Page - Sipex Corporation SP3487CT Datasheet HTML 3Page - Sipex Corporation SP3487CT Datasheet HTML 4Page - Sipex Corporation SP3487CT Datasheet HTML 5Page - Sipex Corporation SP3487CT Datasheet HTML 6Page - Sipex Corporation SP3487CT Datasheet HTML 7Page - Sipex Corporation SP3487CT Datasheet HTML 8Page - Sipex Corporation SP3487CT Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
10/15/02
SP3486/3487 Low Power Quad RS485/422 Line Drivers
© Copyright 2000 Sipex Corporation
8
D
EH
PACKAGE: PLASTIC
SMALL OUTLINE (SOIC)
(WIDE)
DIMENSIONS (Inches)
Minimum/Maximum
(mm)
A
A1
Ø
L
B
e
A
A1
B
D
E
e
H
L
Ø
16–PIN
0.093/0.104
(2.352/2.649)
0.004/0.012
(0.102/0.300)
0.013/0.020
(0.330/0.508)
0.398/0.413
(10.10/10.49)
0.291/0.299
(7.402/7.600)
0.050 BSC
(1.270 BSC)
0.394/0.419
(10.00/10.64)
0.016/0.050
(0.406/1.270)
0°/8°
(0°/8°)


Similar Part No. - SP3487CT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3487CT SIPEX-SP3487CT Datasheet
121Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Drivers
More results

Similar Description - SP3487CT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3486 SIPEX-SP3486 Datasheet
121Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
Exar Corporation
SP486CT-L EXAR-SP486CT-L Datasheet
452Kb / 9P
   Quad RS-485/RS-422 Line Drivers
logo
Sipex Corporation
SP3488 SIPEX-SP3488 Datasheet
116Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP3488 SIPEX-SP3488 Datasheet
174Kb / 9P
   3.3V Low Power Quad RS-485/RS-422 Line Receivers
logo
National Semiconductor ...
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
   RS-485/RS-422 Quad Differential Line Drivers
logo
Sipex Corporation
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
   Enhanced Quad RS-485/RS-422 Line Drivers
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
   Enhanced Quad RS-485/RS-422 Line Drivers
logo
Texas Instruments
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
[Old version datasheet]   RS-485/RS-422 Quad Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com