Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0088-3-17-01-30-84-02-0 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 0088-3-17-01-30-84-02-0
Description  WRAPOST RECEPTACLES for .015??- .025??diameter pins
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

0088-3-17-01-30-84-02-0 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  0088-3-17-01-30-84-02-0 Datasheet HTML 1Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PINS
A HI
C
SIO
N
WRAPOST RECEPTACLES
for .015” - .025” diameter pins
www.mill-max.com
 516-922-6000
166
SPECIFICATIONS
SHELL MATERIAL:
Brass Alloy 360, 1/2 Hard
CONTACT MATERIAL:
Beryllium Copper Alloy 172, HT
DIMENSION IN INCHES
TOLERANCES ON:
LENGTHS:
±.005
DIAMETERS: ±.002
ANGLES:
± 2°
170X-X-17-XX-30-XX-02-0
Press-fit in .057 mounting hole
1702/1703
008X-X-17-XX-3X-XX-02-0
Press-fit in .057 mounting hole
1045-3-17-XX-30-XX-02-0
Press-fit in .043 mounting hole
1045
1040-3-17-XX-30-XX-02-0
Press-fit in .056 mounting hole
1040
00XX-X-17-XX-30-XX-02-0
Press-fit in .055 mounting hole
103X-X-17-XX-3X-XX-02-0
Press-fit in .057 mounting hole
1030
⇒1036
0038
⇒0040/0066⇒
⇒0068
0086/0088/0089
Basic Part
Number
# of
Wraps
Length
A
1702-2
1703-3
2
3
.370
.510
Basic
Part #
# of
Wraps
Length
A
Dia.
C
0040-1
0039-2
0038-3
0068-1
0067-2
0066-3
1
2
3
1
2
3
.260
.360
.500
.260
.360
.500
.072
.062
Basic Part
Number
0089-2
0088-3
0086-4
# of
Wraps
2
3
4
Length
A
.370
.510
.630
Basic
Part #
# of
Wraps
Length
A
Dia.
C
1032-1
1
1031-2
2
1030-3
3
1036-1
1
1035-2
2
1034-3
3
.260
.360
.510
.260
.360
.510
.072
.062
ORDER CODE: XXXX - X - 17 - XX - XX - XX - 02 - 0
BASIC PART #
SPECIFY SHELL FINISH:
SPECIFY CONTACT FINISH:
01 200
μ” TIN/LEAD OVER NICKEL
02 100
μ” TIN/LEAD OVER NICKEL
 80 200μ” TIN OVER NICKEL (RoHS)
 84 100μ” TIN OVER NICKEL (RoHS)
 15 10μ” GOLD OVER NICKEL (RoHS)
 27 30μ” GOLD OVER NICKEL (RoHS)
SELECT CONTACT
#30 or #32 CONTACT (DATA ON PAGE 219)
RoHS
2002/95/EC


Similar Part No. - 0088-3-17-01-30-84-02-0

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
008-0111-200 DIALIGHT-008-0111-200 Datasheet
301Kb / 2P
   Important notes about Classic Panel Mount Indicator Catalog Pages
logo
CTS Corporation
008-0335-0 CTS-008-0335-0 Datasheet
182Kb / 4P
   Chip Resistor Arrays
008-0336-0 CTS-008-0336-0 Datasheet
166Kb / 3P
   Current Sensing Resistors ??Metal Plate
008-0337-0 CTS-008-0337-0 Datasheet
189Kb / 4P
   Current Sensing Resistors ??Thick Film
008-0520-0 CTS-008-0520-0 Datasheet
161Kb / 4P
   DDR SDRAM Terminator
More results

Similar Description - 0088-3-17-01-30-84-02-0

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0255-0-15-01-30-02-04-0 MILL-MAX-0255-0-15-01-30-02-04-0 Datasheet
110Kb / 1P
   PIN RECEPTACLES for .015??- .025??diameter pins
0240-0-15-01-30-02-04-0 MILL-MAX-0240-0-15-01-30-02-04-0 Datasheet
101Kb / 1P
   PIN RECEPTACLES for .015??- .025??diameter pins
0305-2-15-80-47-80-10-0 MILL-MAX-0305-2-15-80-47-80-10-0 Datasheet
151Kb / 1P
   PIN RECEPTACLES for .025??- .037??diameter pins and .025??square pins
0279-0-15-01-4727100 MILL-MAX-0279-0-15-01-4727100 Datasheet
151Kb / 1P
   PIN RECEPTACLES for .025??- .037??diameter pins and .025??square pins
0552-2-15-01-11-27-10-0 MILL-MAX-0552-2-15-01-11-27-10-0 Datasheet
91Kb / 1P
   PIN RECEPTACLES for .015??- .018??diameter pins (#09 contact)
0553-2-15-01-21-27-10-0 MILL-MAX-0553-2-15-01-21-27-10-0 Datasheet
91Kb / 1P
   PIN RECEPTACLES for .015??- .020??diameter pins (#11 contact)
146N MILL-MAX-146N Datasheet
157Kb / 1P
   PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
0293-0-15-15-16-27-10-0 MILL-MAX-0293-0-15-15-16-27-10-0 Datasheet
157Kb / 1P
   PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
0306-0-19-15-16-27-10-0 MILL-MAX-0306-0-19-15-16-27-10-0 Datasheet
157Kb / 1P
   PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
168N MILL-MAX-168N Datasheet
71Kb / 1P
   WRAPOST RECEPTACLES for .022??- .032??diameter pins (#06 contact) and .022??- .034??diameter pins (#16 contact)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com