Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0071.2591.xx Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0071.2591.xx
Description  123-360VAC 800-13000A 5-25MM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0071.2591.xx Datasheet(HTML) 1 Page - Schurter Inc.

  0071.2591.xx Datasheet HTML 1Page - Schurter Inc. 0071.2591.xx Datasheet HTML 2Page - Schurter Inc. 0071.2591.xx Datasheet HTML 3Page - Schurter Inc. 0071.2591.xx Datasheet HTML 4Page - Schurter Inc. 0071.2591.xx Datasheet HTML 5Page - Schurter Inc. 0071.2591.xx Datasheet HTML 6Page - Schurter Inc. 0071.2591.xx Datasheet HTML 7Page - Schurter Inc. 0071.2591.xx Datasheet HTML 8Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image

Varistors
AVTP
www.schurter.com/pg03
Fuses
Last order date: 31.10.2012
Disc Size: 7 mm
Disc Size: 14 mm
Disc Size: 25 mm
120 - 360VAC · 800 - 13000A · 5 - 25mm
Description
-RadialLeadedVaristor
-Lowleackagecurrent
-VDE,UL,CSAapprovals
Standards
-IEC61051-VaristorsforUseinElectronicEquipment
-UL1414-Across-the-LineComponents
-UL1449-TransientVoltageSurgeSuppressors
-CSAC22.2-AccessoriesandPartsforElectronicEquipment
Approvals
-VDECertificateNumber:40026011
-ULFileNumber:E340137(UL1449),E325083(UL1414)
-CSAFileNumber:2088244
Applications
-Surgeprotection
-PrimaryProtectionSingle-Phase
-SurgeProtectionaccordingtoIEC61000-4-5
References
PackagingDetails
Weblinks
pdf,html,GeneralProductInformation,Approvals,RoHS,CHINA-RoHS,
e-Shop,SCHURTER-Stock-Check,Distributor-Stock-Check
Technical Data
RatedVoltage
120-360VAC,160-470VDC
DiscSize
5-25mm
PeakCurrent8/20µs,1Pulse 800-13000A
Max.EnergyAbsorption
10/1000µs
8-440J
Current/EnergyDeratingabove
85°C
-2.5%/°C
Voltage/TemperatureCoeffi-
cient
-0.05%/°C
Mounting
PCB,THT
AdmissibleAmbientAirTemp. -40°Cto85°C
Material:Terminals
Tin-PlatedCopperAlloy
Material:Tube
ZincOxide
StorageConditions
0°Cto60°Cmax.70%r.h.
ProductMarking
,OrderNumber,Approvals,Data
Code
SolderingMethods
Wave
Solderability
235°C/2secacc.toIEC60068-2-20
TestTa,method1
ResistancetoSolderingHeat
260°C/5secacc.toIEC60068-2-20,
TestTb,method1A
InsulationResistance
>10'000M
Ω
HiPotEncapsulation
2500VDC
ImpulseResponseTime
<50ns
DCLeackageCurrent
<200µA
Flammability
UL94V-0
Dimensions
Amax
Emax
C
F
D
G
D +0.5
Drilling diagram


Similar Part No. - 0071.2591.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0071.2591.A2 SCHURTER-0071.2591.A2 Datasheet
1Mb / 8P
   120 - 360 VAC 쨌 800 - 13000 A 쨌 5 - 25 mm
0071.2591.B1 SCHURTER-0071.2591.B1 Datasheet
1Mb / 8P
   120 - 360 VAC 쨌 800 - 13000 A 쨌 5 - 25 mm
0071.2591.T2 SCHURTER-0071.2591.T2 Datasheet
1Mb / 8P
   120 - 360 VAC 쨌 800 - 13000 A 쨌 5 - 25 mm
More results

Similar Description - 0071.2591.xx

ManufacturerPart #DatasheetDescription
logo
Xtaltq Technologies Co....
BO2525H XTALTQ-BO2525H Datasheet
221Kb / 2P
   DIP(25mm*25mm)
Mar.27, 2016
logo
SHENZHEN YONGERJIA INDU...
1N6263W WINNERJOIN-1N6263W_15 Datasheet
96Kb / 2P
   SOD-123
logo
Taoglas antenna solutio...
SP.1615.25.4.A.02 TAOGLAS-SP.1615.25.4.A.02 Datasheet
873Kb / 16P
   Globalstar 25mm 1615Mhz
logo
SHENZHEN YONGERJIA INDU...
1N5711W WINNERJOIN-1N5711W_15 Datasheet
95Kb / 2P
   SOD-123
BAV16W WINNERJOIN-BAV16W_15 Datasheet
164Kb / 2P
   SOD-123
BAV19W WINNERJOIN-BAV19W_15 Datasheet
115Kb / 2P
   SOD-123
logo
Taoglas antenna solutio...
AP.25E.07.0054A TAOGLAS-AP.25E.07.0054A_17 Datasheet
839Kb / 10P
   25mm One Stage GPS
logo
SHENZHEN YONGERJIA INDU...
BAT46W WINNERJOIN-BAT46W_15 Datasheet
102Kb / 2P
   SOD-123
logo
BetLux Electronics
TLS-CTR-RGB BETLUX-TLS-CTR-RGB Datasheet
55Kb / 2P
   105*65*25mm dimension
logo
Taoglas antenna solutio...
AP.25F.07.0078A TAOGLAS-AP.25F.07.0078A_17 Datasheet
905Kb / 7P
   25mm Two Stage GPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com