Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM69F536CTQ8.5R Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCM69F536CTQ8.5R
Description  32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69F536CTQ8.5R Datasheet(HTML) 1 Page - Motorola, Inc

  MCM69F536CTQ8.5R Datasheet HTML 1Page - Motorola, Inc MCM69F536CTQ8.5R Datasheet HTML 2Page - Motorola, Inc MCM69F536CTQ8.5R Datasheet HTML 3Page - Motorola, Inc MCM69F536CTQ8.5R Datasheet HTML 4Page - Motorola, Inc MCM69F536CTQ8.5R Datasheet HTML 5Page - Motorola, Inc MCM69F536CTQ8.5R Datasheet HTML 6Page - Motorola, Inc MCM69F536CTQ8.5R Datasheet HTML 7Page - Motorola, Inc MCM69F536CTQ8.5R Datasheet HTML 8Page - Motorola, Inc MCM69F536CTQ8.5R Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MCM69F536C
1
MOTOROLA FAST SRAM
32K x 36 Bit Flow–Through
BurstRAM Synchronous
Fast Static RAM
The MCM69F536C is a 1M–bit synchronous fast static RAM designed to pro-
vide a burstable, high performance, secondary cache for the 68K Family,
PowerPC
™, 486, i960™, and Pentium™ microprocessors. It is organized as 32K
words of 36 bits each. This device integrates input registers, a 2–bit address
counter, and high speed SRAM onto a single monolithic circuit for reduced parts
count in cache data RAM applications. Synchronous design allows precise cycle
control with the use of an external clock (K). BiCMOS circuitry reduces the overall
power consumption of the integrated functions for greater reliability.
Addresses (SA), data inputs (DQx), and all control signals except output
enable (G) and Linear Burst Order (LBO) are clock (K) controlled through
positive–edge–triggered noninverting registers.
Bursts can be initiated with either ADSP or ADSC input pins. Subsequent burst
addresses can be generated internally by the MCM69F536C (burst sequence
operates in linear or interleaved mode dependent upon the state of LBO) and
controlled by the burst address advance (ADV) input pin.
Write cycles are internally self–timed and are initiated by the rising edge of the
clock (K) input. This feature eliminates complex off–chip write pulse generation
and provides increased timing flexibility for incoming signals.
Synchronous byte write (SBx), synchronous global write (SGW), and
synchronous write enable SW are provided to allow writes to either individual
bytes or to all bytes. The four bytes are designated as “a”, “b”, “c”, and “d”. SBa
controls DQa, SBb controls DQb, and so on. Individual bytes are written if the
selected byte writes SBx are asserted with SW. All bytes are written if either SGW
is asserted or if all SBx and SW are asserted.
For read cycles, a flow–through SRAM allows output data to simply flow freely
from the memory array.
The MCM69F536C operates from a 3.3 V power supply and all inputs and
outputs are LVTTL compatible.
• MCM69F536C–8.5 = 8.5 ns Access / 12 ns Cycle
MCM69F536C–9 = 9 ns Access / 12 ns Cycle
MCM69F536C–10 = 10 ns Access / 15 ns Cycle
MCM69F536C–12 = 12 ns Access / 16.6 ns Cycle
• Single 3.3 V + 10%, – 5% Power Supply
• ADSP, ADSC, and ADV Burst Control Pins
• Selectable Burst Sequencing Order (Linear/Interleaved)
• Internally Self–Timed Write Cycle
• Byte Write and Global Write Control
• 5 V Tolerant on all Pins (Inputs and I/Os)
• 100–Pin TQFP Package
The PowerPC name is a trademark of IBM Corp., used under license therefrom.
i960 and Pentium are trademarks of Intel Corp.
Order this document
by MCM69F536C/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MCM69F536C
TQ PACKAGE
TQFP
CASE 983A–01
REV 3
2/18/98
© Motorola, Inc. 1998


Similar Part No. - MCM69F536CTQ8.5R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69F618C MOTOROLA-MCM69F618C Datasheet
203Kb / 12P
   64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F618CTQ10 MOTOROLA-MCM69F618CTQ10 Datasheet
203Kb / 12P
   64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F618CTQ10R MOTOROLA-MCM69F618CTQ10R Datasheet
203Kb / 12P
   64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F618CTQ12 MOTOROLA-MCM69F618CTQ12 Datasheet
203Kb / 12P
   64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F618CTQ12R MOTOROLA-MCM69F618CTQ12R Datasheet
203Kb / 12P
   64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69F536CTQ8.5R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69F735 MOTOROLA-MCM69F735 Datasheet
181Kb / 16P
   128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F737 MOTOROLA-MCM69F737 Datasheet
283Kb / 20P
   128K x 36 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69F618C MOTOROLA-MCM69F618C Datasheet
203Kb / 12P
   64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F733A MOTOROLA-MCM63F733A Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com