Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0070.2021.T2 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 0070.2021.T2
Description  11 - 95 VAC250 - 10000 A 쨌 5 - 20 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0070.2021.T2 Datasheet(HTML) 3 Page - Schurter Inc.

  0070.2021.T2 Datasheet HTML 1Page - Schurter Inc. 0070.2021.T2 Datasheet HTML 2Page - Schurter Inc. 0070.2021.T2 Datasheet HTML 3Page - Schurter Inc. 0070.2021.T2 Datasheet HTML 4Page - Schurter Inc. 0070.2021.T2 Datasheet HTML 5Page - Schurter Inc. 0070.2021.T2 Datasheet HTML 6Page - Schurter Inc. 0070.2021.T2 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Varistors
AVTS
www.schurter.com/pg03
Fuses
Rated
Voltage
Disc size A max
B max
C
D
E
F
G
Order Number
[VAC]
[mm]
[mm]
[mm]
[mm]
[mm]
[mm]
[mm]
[mm]
75
20
21.5
25.5
10
1
4.6
1.6
10.1
0070.7581.xx
95
5
7
8.5
5
0.6
3.4
1.3
5.2
0070.9511.xx
95
7
9
11
5
0.6
3.4
1.3
5.2
0070.9521.xx
95
10
12
14.5
7.5
0.8
4
1.5
7.6
0070.9541.xx
95
14
15.5
18.5
7.5
0.8
4
1.5
7.6
0070.9561.xx
95
20
21.5
25.5
10
1
4.5
1.6
10.1
0070.9581.xx
Electricalparameterscanbefoundinthetableofvariantsbelow.
Temperature Derating Curves
Rated Voltage, Peak Current, Energy Absorption
0
10
20
30
40
50
60
70
80
90
100
110
-50
-25
-0
25
50
75
100
125
150
Ambient Temperature [°C]
Variants
Rated
Voltage
Rated
Voltage
Disc
size
Peak
Current,
8/0 µs,
 Pulse
Peak
Current,
8/0 µs,
 Pulses
Energy,
0/000 µs
Min. Vol-
tage @ 
mA DC
Max. Vol-
tage @ 
mA DC
Max.
Clamping
Voltage
Peak
Current,
8/0 µs,
Clamping
Typ. Capa-
city @  kHz
Order Number
[VAC]
[VDC]
[mm]
[A]
[A]
[J]
[V]
[V]
[V]
[A]
[pF]
11
14
5
250
125
0.6
16
20
40
1
2200
l
0070.1111.xx
11
14
7
500
250
1.1
16
20
36
2.5
3500
l
0070.1121.xx
11
14
10
1000
500
2.6
16
20
36
5
7500
l
0070.1141.xx
11
14
14
2000
1000
5.2
16
20
36
10
18000
l
0070.1161.xx
11
14
20
3000
2000
13
16
20
36
20
37000
l
0070.1181.xx
14
18
5
250
125
0.7
20
24
48
1
2000
l
0070.1411.xx
14
18
7
500
250
1.3
20
24
43
2.5
2800
l
0070.1421.xx
14
18
10
1000
500
3.2
20
24
43
5
6000
l
0070.1441.xx
14
18
14
2000
1000
6.3
20
24
43
10
15000
l
0070.1461.xx
14
18
20
3000
2000
16
20
24
43
20
30000
l
0070.1481.xx
17
22
5
250
125
0.9
24
30
60
1
1600
l
0070.1711.xx
17
22
7
500
250
1.6
24
30
53
2.5
2000
l
0070.1721.xx
17
22
10
1000
500
3.9
24
30
53
5
4000
l
0070.1741.xx
17
22
14
2000
1000
7.8
24
30
53
10
10000
l
0070.1761.xx
17
22
20
3000
2000
19
24
30
53
20
22000
l
0070.1781.xx
20
26
5
250
125
1.1
30
36
73
1
1675
l
0070.2011.xx
20
26
7
500
250
2
30
36
65
2.5
3614
l
0070.2021.xx
20
26
10
1000
500
4.8
30
36
65
5
6655
l
0070.2041.xx
20
26
14
2000
1000
9.5
30
36
65
10
14447
l
0070.2061.xx
20
26
20
3000
2000
24
30
36
65
20
33064
l
0070.2081.xx
25
31
5
250
125
1.2
35
43
86
1
1417
l
0070.2511.xx
25
31
7
500
250
2.4
35
43
77
2.5
3058
l
0070.2521.xx
25
31
10
1000
500
5.6
35
43
77
5
5632
l
0070.2541.xx
25
31
14
2000
1000
11
35
43
77
10
12225
l
0070.2561.xx
25
31
20
3000
2000
28
35
43
77
20
27977
l
0070.2581.xx
30
38
5
250
125
1.5
42
52
99
1
1176
l
0070.3011.xx


Similar Part No. - 0070.2021.T2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
   Semirigid, encapsulant-lined, heat-shrinkable tubing
007095-000 MACOM-007095-000 Datasheet
303Kb / 4P
   TINEL - LOCK ADAPTER
More results

Similar Description - 0070.2021.T2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0071.1221.B1 SCHURTER-0071.1221.B1 Datasheet
1Mb / 8P
   120 - 360 VAC 쨌 800 - 13000 A 쨌 5 - 25 mm
UMT-H SCHURTER-UMT-H Datasheet
475Kb / 3P
   UL 248-14 쨌 277 VAC 쨌 250 VDC 쨌 Time-Lag T
UMF250 SCHURTER-UMF250 Datasheet
472Kb / 2P
   IEC 60127-4 쨌 250 VAC 쨌 125 VDC 쨌 Quick-Acting F
3413.0002.XX SCHURTER-3413.0002.XX Datasheet
476Kb / 2P
   UL 248-14 쨌 125 VAC 쨌 63 VDC 쨌 Super-Quick-Acting FF
logo
Mitsumi Electronics, Co...
MM1501 MITSUMI-MM1501 Datasheet
352Kb / 14P
   Video Switch 쨌 75??driver 쨌 Y/C mix
logo
TOKYO SEIMITSU CO., LTD
DM44026 ACCRETECH-DM44026 Datasheet
3Mb / 20P
   SURFCOM 쨌 CONTOURECORD Option
logo
Jauch Quartz Gmbh
SMQ32SN JAUCH-SMQ32SN Datasheet
268Kb / 2P
   SMD Tuning Fork Crystal 쨌 7.0 x 1.5 mm
logo
DB Lectro Inc
MS-328-4 DBLECTRO-MS-328-4 Datasheet
54Kb / 2P
   Form C Reed Sensor 쨌 Flatpack
MS-324-4 DBLECTRO-MS-324-4 Datasheet
57Kb / 2P
   Form C Reed Sensor 쨌 Flatpack
MS-228-6 DBLECTRO-MS-228-6 Datasheet
54Kb / 2P
   Mains switching Reed Sensor 쨌 M8 thread
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com