Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M-229064-10-8A Datasheet(PDF) 31 Page - Tyco Electronics

Part # M-229064-10-8A
Description  Label format - Old format order code cross reference
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M-229064-10-8A Datasheet(HTML) 31 Page - Tyco Electronics

Back Button M-229064-10-8A Datasheet HTML 27Page - Tyco Electronics M-229064-10-8A Datasheet HTML 28Page - Tyco Electronics M-229064-10-8A Datasheet HTML 29Page - Tyco Electronics M-229064-10-8A Datasheet HTML 30Page - Tyco Electronics M-229064-10-8A Datasheet HTML 31Page - Tyco Electronics M-229064-10-8A Datasheet HTML 32Page - Tyco Electronics M-229064-10-8A Datasheet HTML 33Page - Tyco Electronics M-229064-10-8A Datasheet HTML 34Page - Tyco Electronics M-229064-10-8A Datasheet HTML 35Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
116
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
KTT Tan Kapton® labels
Thermal Transfer
Ordering information
Product dimensions
Product
Package
Labels
Label width (A)
Label height (B)
Horizontal repeat (C)
Vertical repeat (D)
Web width (E)
order code
quantity
across
mm
inches
mm
inches
mm
inches
mm
inches
mm
inches
KTT-044033-10-1A
10,000
20
4.4
0.170
3.3
0.130
4.4
0.170
9.5
0.375
92.4
3.636
KTT-064064-25-1A
25,000
12
6.4
0.250
6.4
0.250
6.4
0.250
9.5
0.375
82.2
3.240
*KTT-080080-10-1A
10,000
8
8.0
0.315
8.0
0.315
9.9
0.390
13.3
0.525
83.3
3.280
KTT-095080-25-1A
25,000
5
9.5
0.375
8.0
0.315
12.2
0.480
12.7
0.500
64.3
2.531
KTT-095095-10-1A
10,000
7
9.5
0.375
9.5
0.375
11.1
0.437
12.7
0.500
82.1
3.230
KTT-127032-10-1A
10,000
5
12.7
0.500
3.2
0.125
19.1
0.750
3.2
0.250
94.9
3.736
KTT-127111-10-1A
10,000
5
12.7
0.500
11.1
0.437
16.8
0.662
14.3
0.563
86.0
3.380
KTT-127127-10-1A
10,000
5
12.7
0.500
12.7
0.500
15.9
0.625
15.9
0.625
82.6
3.250
•KTT-165051-25-1A
25,000
4
16.5
0.650
5.1
0.200
17.8
0.700
8.3
0.325
75.8
2.990
KTT-171171-10-1A
10,000
5
17.1
0.674
17.1
0.674
19.7
0.774
20.3
0.800
101.8
4.006
*KTT-178095-10-1A
10,000
4
17.8
0.700
9.5
0.375
19.1
0.750
12.7
0.500
80.9
3.190
*KTT-191064-10-1A
10,000
4
19.1
0.750
6.4
0.250
21.6
0.850
9.5
0.375
89.9
3.540
KTT-229064-10-1A
10,000
3
22.9
0.900
6.4
0.250
28.6
1.125
9.5
0.375
86.0
3.390
KTT-254045-10-1A
10,000
3
25.4
1.000
4.6
0.180
31.8
1.250
8.5
0.333
95.3
3.750
KTT-254064-10-1A
10,000
3
25.4
1.000
6.4
0.250
27.9
1.100
9.5
0.375
87.3
3.436
KTT-254097-10-1A
10,000
3
25.4
1.000
9.7
0.380
27.9
1.100
12.7
0.500
87.4
3.440
KTT-254127-10-1A
10,000
3
25.4
1.000
12.7
0.500
27.9
1.100
16.9
0.666
87.4
3.440
KTT-254254-10-1A
10,000
3
25.4
1.000
25.4
1.000
27.9
1.100
28.6
1.125
87.4
3.440
*KTT-305047-10-1A
10,000
2
30.5
1.200
4.7
0.185
33.0
1.300
7.8
0.306
69.5
2.736
KTT-318064-10-1A
10,000
1
31.8
1.250
6.4
0.250
N/A
N/A
9.5
0.375
37.9
1.490
KTT-381020-10-1A
10,000
1
38.1
1.500
2.0
0.080
N/A
N/A
10.7
0.423
44.1
1.740
KTT-381064-10-1A
10,000
1
38.1
1.500
6.4
0.250
N/A
N/A
9.5
0.375
44.5
1.750
*KTT-381127-5-1A
5,000
2
38.1
1.500
12.7
0.500
44.2
1.738
15.9
0.625
88.2
3.472
KTT-381381-2.5-1A
2,500
2
38.1
1.500
38.1
1.500
44.5
1.750
40.8
1.607
88.9
3.500
KTT-445064-10-1A
10,000
1
44.5
1.750
6.4
0.250
N/A
N/A
9.5
0.375
50.4
1.986
KTT-445102-5-1A
5,000
1
44.5
1.750
10.2
0.400
N/A
N/A
12.7
0.500
50.4
1.986
KTT-508064-10-1A
10,000
1
50.8
2.000
6.4
0.250
N/A
N/A
9.5
0.375
56.9
2.240
KTT-508095-5-1A
5,000
1
50.8
2.000
9.5
0.375
N/A
N/A
12.7
0.500
57.2
2.250
KTT-508127-5-1A
5,000
1
50.8
2.000
12.7
0.500
N/A
N/A
15.9
0.625
56.9
2.240
** N
NO
OT
TE
E:: K
Ka
ap
ptto
on
n®/
/p
po
olly
yiim
miid
de
e lla
ab
be
ellss n
no
ott c
co
om
mp
pa
attiib
blle
e w
wiitth
h T
T2
20
00
0 P
Prriin
ntte
errss


Similar Part No. - M-229064-10-8A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M-2208 VISHAY-M-2208 Datasheet
104Kb / 4P
   High Reliability Thick Film Resistor,Surface Mount Chip
Revision: 07-Aug-14
logo
Molex Electronics Ltd.
M-2210 MOLEX4-M-2210 Datasheet
222Kb / 2P
   InsulKrimp??Quick Disconnect, Female, for 24-26 (0.20-0.12), Box, Tab 4.75mm(.187") x 0.51mm (.020")
M-2210C MOLEX4-M-2210C Datasheet
222Kb / 2P
   InsulKrimp??Quick Disconnect
M-2210T MOLEX4-M-2210T Datasheet
223Kb / 3P
   InsulKrimp??Quick Disconnect, Female, for 24-26 (0.20-0.12), Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
M-2210V MOLEX4-M-2210V Datasheet
106Kb / 2P
   InsulKrimp??Quick Disconnect, Female, Box, Tab 4.75mm (.187
More results

Similar Description - M-229064-10-8A

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9244 SILAN-SC9244 Datasheet
259Kb / 11P
   REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
   INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC3004 SILAN-SC3004 Datasheet
197Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
logo
ILLUMINANT CO., LTD
IG0903N-6FBD-183 ILLUMINANT-IG0903N-6FBD-183 Datasheet
54Kb / 1P
   Display Format: 96X32
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
   Output Data Format
07/14/15
logo
AverLogic Technologies ...
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
   Video Format Converter
logo
ILLUMINANT CO., LTD
IB1206N-6FWL-217 ILLUMINANT-IB1206N-6FWL-217 Datasheet
51Kb / 1P
   Display Format: 128X64
logo
Littelfuse
D10-59050-030-1 LITTELFUSE-D10-59050-030-1 Datasheet
18Kb / 1P
   UPDATE DRAWING FORMAT
AN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com