Electronic Components Datasheet Search |
|
M-191064-10-8A Datasheet(PDF) 45 Page - Tyco Electronics |
|
M-191064-10-8A Datasheet(HTML) 45 Page - Tyco Electronics |
45 / 48 page 130 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 E White polyester labels Thermal Transfer Tyco Electronics E is a dot matrix printable white polyester film with a permanent acrylic adhesive that is ideal for PCB and component labeling, as well as general purpose labeling applications that require a high durability white label. It is resistant to a variety of solvents while maintaining print quality. E is UL Listed and its print performance and durability are reliable when used with Tyco Electronics 1892BK01 ribbon. Features and benefits I Dot matrix printable I Cost-efficient for general purpose, low volume applications I Exceptional durability and strength I Resistant to oil, water and several common fluids I UL Listed Specifications/Approvals Tyco Electronics TTDS-071 Industry UL MH14363 Group PGGU2 Adhesive Permanent acrylic Service temperature –53°C to +93°C –65°F to +200°F Recommended printer AM6310 Recommended ribbon 1892BK01 E-064064 -10-9 Part numbering system Color Pack size Label height (mm) Label width (mm) Product family |
Similar Part No. - M-191064-10-8A |
|
Similar Description - M-191064-10-8A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |