Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M-191064-10-8A Datasheet(PDF) 11 Page - Tyco Electronics

Part # M-191064-10-8A
Description  Label format - Old format order code cross reference
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M-191064-10-8A Datasheet(HTML) 11 Page - Tyco Electronics

Back Button M-191064-10-8A Datasheet HTML 7Page - Tyco Electronics M-191064-10-8A Datasheet HTML 8Page - Tyco Electronics M-191064-10-8A Datasheet HTML 9Page - Tyco Electronics M-191064-10-8A Datasheet HTML 10Page - Tyco Electronics M-191064-10-8A Datasheet HTML 11Page - Tyco Electronics M-191064-10-8A Datasheet HTML 12Page - Tyco Electronics M-191064-10-8A Datasheet HTML 13Page - Tyco Electronics M-191064-10-8A Datasheet HTML 14Page - Tyco Electronics M-191064-10-8A Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
96
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
MP Metalized polyester labels
Thermal Transfer
Ordering information
Tyco Electronics MP is a thermal transfer printable metalized
polyester film with a permanent acrylic adhesive, designed for
rating plates and other applications that require a metal look, such
as nameplates, equipment labels, detailed product information
labels and serial number plates. MP is UL Listed. Print performance
and durability are reliable when used with Tyco Electronics
1330-0607 series ribbon.
Features and benefits
I Thermal transfer printable
I Metalized appearance
I Ideal for rating plate applications
I Several die-cut sizes available
I UL Listed
Specifications/Approvals
Tyco Electronics
TTDS -074
Industry
UL MH17292 Group PGJI2
Adhesive
Permanent acrylic
Service temperature
–40°C to +150°F
–40°F to +302°F
Recommended printer T300 Series printers
Recommended ribbon 1330-0607-10*
*Alternative printers and ribbons are available for special
applications. Contact Tyco Electronics Identification for
more information.
MP- 080080-10- 8A
Part numbering system
Color
Pack size
Label height (mm)
Label width (mm)
Product family
Product dimensions
Product
Package
Labels
Label width (A)
Label height (B)
Horizontal repeat (C)
Vertical repeat (D)
Web width (E)
order code
quantity
across
mm
inches
mm
inches
mm
inches
mm
inches
mm
inches
MP-040040-25-8A
25,000
20
4.0
0.157
4.0
0.160
4.0
0.157
7.2
0.281
86.0
3.380
MP-064064-25-8A
25,000
12
6.4
0.250
6.4
0.250
6.4
0.250
9.5
0.375
82.2
3.240
* MP-080080-10-8A
10,000
8
8.0
0.315
8.0
0.315
9.9
0.390
13.3
0.525
83.3
3.280
MP-089047-10-8A
10,000
5
8.9
0.350
4.7
0.185
11.4
0.450
7.9
0.313
60.6
2.386
MP-095080-25-8A
25,000
5
9.5
0.375
8.0
0.315
12.2
0.475
12.7
0.500
64.3
2.531
MP-095095-10-8A
10,000
7
9.5
0.375
9.5
0.375
11.1
0.437
12.7
0.500
82.1
3.230
** N
NO
OT
TE
E:: S
Stta
an
nd
da
arrd
d F
Fo
orrm
ma
att N
No
ott C
Co
om
mp
pa
attiib
blle
e w
wiitth
h T
T2
20
00
0 P
Prriin
ntte
errss


Similar Part No. - M-191064-10-8A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M-1005 VISHAY-M-1005 Datasheet
104Kb / 4P
   High Reliability Thick Film Resistor,Surface Mount Chip
Revision: 07-Aug-14
M-1010 VISHAY-M-1010 Datasheet
104Kb / 4P
   High Reliability Thick Film Resistor,Surface Mount Chip
Revision: 07-Aug-14
logo
Switchcraft, Inc.
M-1018 SWITCH-M-1018 Datasheet
836Kb / 1P
   MOUNTING HARDWARE
M-1018 SWITCH-M-1018 Datasheet
174Kb / 3P
   MOUNTING HAREDWARE
M-1018 SWITCH-M-1018 Datasheet
174Kb / 3P
   MOUNTING HARDWARE
More results

Similar Description - M-191064-10-8A

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9244 SILAN-SC9244 Datasheet
259Kb / 11P
   REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
   INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC3004 SILAN-SC3004 Datasheet
197Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
logo
ILLUMINANT CO., LTD
IG0903N-6FBD-183 ILLUMINANT-IG0903N-6FBD-183 Datasheet
54Kb / 1P
   Display Format: 96X32
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
   Output Data Format
07/14/15
logo
AverLogic Technologies ...
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
   Video Format Converter
logo
ILLUMINANT CO., LTD
IB1206N-6FWL-217 ILLUMINANT-IB1206N-6FWL-217 Datasheet
51Kb / 1P
   Display Format: 128X64
logo
Littelfuse
D10-59050-030-1 LITTELFUSE-D10-59050-030-1 Datasheet
18Kb / 1P
   UPDATE DRAWING FORMAT
AN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com