Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP322CF Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP322CF
Description  Programmable V.11/V.35 Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP322CF Datasheet(HTML) 3 Page - Sipex Corporation

  SP322CF Datasheet HTML 1Page - Sipex Corporation SP322CF Datasheet HTML 2Page - Sipex Corporation SP322CF Datasheet HTML 3Page - Sipex Corporation SP322CF Datasheet HTML 4Page - Sipex Corporation SP322CF Datasheet HTML 5Page - Sipex Corporation SP322CF Datasheet HTML 6Page - Sipex Corporation SP322CF Datasheet HTML 7Page - Sipex Corporation SP322CF Datasheet HTML 8Page - Sipex Corporation SP322CF Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SP322DS/06
SP322 V.11/V.35 Serial Transceiver
© Copyright 1997 Sipex Corporation
Rev. 7/9/03
SP322 V.11/V.35 Serial Transceiver
© Copyright 2003 Sipex Corporation
3
V.11 DRIVER
DC Characteristics
Outputs
Open Circuit Voltage
±6.0
Volts
per Figure 1
Test Terminated Voltage
±2.0
±5.0
Volts
per Figure 2
0.5V
OC
0.67V
OC
Volts
Balance
±0.4
Volts
per Figure 2
Offset
±3.0
Volts
per Figure 2
Short-Circuit Current
±150
mA
per Figure 3
Power-Off Current
±100
µA
per Figure 5
AC Characteristics
V
CC = +5V for AC parameters
Outputs
Transition Time
20
ns
per Figure 4; 10% to 90%
Propagation Delay
Using C
L=50pF
t
PHL
50
80
100
ns
per Figures 18 and 19
t
PLH
50
80
100
ns
per Figures 18 and 19
Differential Skew
20
40
ns
per Figures 18 and 19
Max. Transmission Rate
10
Mbps
V.11 RECEIVER
DC Characteristics
Inputs
Common Mode Range
–7
+7
Volts
Sensitivity
±0.3
Volts
Input Current
±3.25
mA
per Figures 6 and 7
Current w/ 100Ω Term.
±60.75
mA
per Figures 8 and 9
AC Characteristics
V
CC = +5V for AC parameters
Inputs
Propagation Delay
Using C
L=50pF
t
PHL
50
110
150
ns
per Figures 18 and 21
t
PLH
50
110
150
ns
per Figures 18 and 21
Differential Skew
20
ns
per Figure 18
Max. Transmission Rate
10
Mbps
ENABLE TIMING
Driver
Enable Time
See Figures 16 and 20
Enable to Low
90
500
ns
C
L=15pF, S1 Closed
Enable to High
90
500
ns
C
L=15pF, S2 Closed
Disable Time
See Figures 16 and 20
Disable From Low
90
500
ns
C
L=15pF, S1 Closed
Disable From High
90
500
ns
C
L=15pF, S2 Closed
Receiver
Enable Time
See Figures 17 and 22
Enable to Low
90
500
ns
C
L=15pF, S1 Closed
Enable to High
90
500
ns
C
L=15pF, S2 Closed
Disable Time
See Figures 17 and 22
Disable From Low
90
500
ns
C
L=15pF, S1 Closed
Disable From High
90
500
ns
C
L=15pF, S2 Closed
POWER REQUIREMENTS
Supply Voltage V
CC
+4.75
+5.25
Volts
Supply Current I
CC
Shutdown
4
µA
V.35 Mode
45
mA
Driver outputs loaded with 100Ω
V.11 Mode
95
mA
Driver outputs loaded with 100Ω
SPECIFICATIONS
Typically 25°C @ Vcc = +5V unless otherwise noted.
MIN.
TYP.
MAX.
UNITS
CONDITIONS


Similar Part No. - SP322CF

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP322CF SIPEX-SP322CF Datasheet
318Kb / 14P
   Programmable V.11/V.35 Transceiver
SP322CF SIPEX-SP322CF Datasheet
352Kb / 13P
   Programmable V.11/V.35 Transceiver
SP322CF-L SIPEX-SP322CF-L Datasheet
352Kb / 13P
   Programmable V.11/V.35 Transceiver
More results

Similar Description - SP322CF

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP322 SIPEX-SP322 Datasheet
318Kb / 14P
   Programmable V.11/V.35 Transceiver
SP322 SIPEX-SP322_05 Datasheet
352Kb / 13P
   Programmable V.11/V.35 Transceiver
logo
Exar Corporation
XRT3591 EXAR-XRT3591 Datasheet
354Kb / 16P
   SINGLECHIP V. 35 TRANSCEIVER
logo
Linear Technology
LTC1345 LINER-LTC1345 Datasheet
203Kb / 12P
   Single Supply V.35 Transceiver
logo
Exar Corporation
XR-T3590 EXAR-XR-T3590 Datasheet
689Kb / 16P
   SINGLE CHIP V.35 TRANSCEIVER
logo
Linear Technology
LTC1345 LINER-LTC1345_15 Datasheet
218Kb / 12P
   Single Supply V.35 Transceiver
logo
Exar Corporation
XR-T3591 EXAR-XR-T3591 Datasheet
690Kb / 16P
   SINGLE CHIP V.35 TRANSCEIVER
logo
Linear Technology
LTC1346A LINER-LTC1346A Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
LTC1346A LINER-LTC1346A_15 Datasheet
234Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
logo
Adels-Contact
123211 ADELS-123211 Datasheet
121Kb / 2P
   500/11 35
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com