Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M-165051-10-8A Datasheet(PDF) 33 Page - Tyco Electronics

Part # M-165051-10-8A
Description  Label format - Old format order code cross reference
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M-165051-10-8A Datasheet(HTML) 33 Page - Tyco Electronics

Back Button M-165051-10-8A Datasheet HTML 29Page - Tyco Electronics M-165051-10-8A Datasheet HTML 30Page - Tyco Electronics M-165051-10-8A Datasheet HTML 31Page - Tyco Electronics M-165051-10-8A Datasheet HTML 32Page - Tyco Electronics M-165051-10-8A Datasheet HTML 33Page - Tyco Electronics M-165051-10-8A Datasheet HTML 34Page - Tyco Electronics M-165051-10-8A Datasheet HTML 35Page - Tyco Electronics M-165051-10-8A Datasheet HTML 36Page - Tyco Electronics M-165051-10-8A Datasheet HTML 37Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
118
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
PVF Polyvinyl fluoride labels
Thermal Transfer
Replace -9 suffix with -4 for yellow labels
Ordering information
Tyco Electronics PVF is a thermal transfer printable polyvinylfluoride
(Tedlar®) film with a permanent acrylic adhesive, designed for wire
and cable marking and other general labeling applications that
require the “self-extinguishing” properties of Tedlar®. It is ideal in a
variety of harsh physical and chemical environments; resists water, oil,
cleaning agents and oil based solvents; and filters ultraviolet light. For
reliable print performance and durability use with Tyco Electronics’s
1330-3300 ribbon.
Features and benefits
I Thermal transfer printable
I Ideal for wire and cable marking
I Self-extinguishing adhesive
I Resistant to a variety of solvents
Adhesive
Permanent acrylic
Service temperature
–53°C to +135°C
–65°F to +275°F
Recommended printer T308S*
Recommended ribbon 1330-3300-10*
*Alternative printers and ribbons are available for special
applications. Contact Tyco Electronics Identification for
more information.
PVF-381191-10-9
Part numbering system
Color
Pack size
Label height (mm)
Label width (mm)
Product family
Product dimensions
Product
Package
Labels
Label width (A)
Label height (B)
Horizontal repeat (C)
Vertical repeat (D)
Web width (E)
order code
quantity
across
mm
inches
mm
inches
mm
inches
mm
inches
mm
inches
PVF-064064-25-9
25,000
12
6.4
0.250
6.4
0.250
6.4
0.250
9.5
0.375
82.2
3.240
* PVF-080080-10-9
10,000
8
8.0
0.315
8.0
0.315
9.9
0.390
13.3
0.525
83.3
3.280
PVF-095080-25-9
25,000
5
9.5
0.375
8.0
0.315
12.2
0.480
12.7
0.500
64.3
2.531
PVF-095095-10-9
10,000
7
9.5
0.375
9.5
0.375
11.1
0.437
12.7
0.500
82.1
3.230
** N
NO
OT
TE
E:: S
Stta
an
nd
da
arrd
d F
Fo
orrm
ma
att N
No
ott C
Co
om
mp
pa
attiib
blle
e w
wiitth
h T
T2
20
00
0 P
Prriin
ntte
errss


Similar Part No. - M-165051-10-8A

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
M-1600 MOXA-M-1600 Datasheet
350Kb / 6P
   Remote I/O modules
M-1601 MOXA-M-1601 Datasheet
350Kb / 6P
   Remote I/O modules
More results

Similar Description - M-165051-10-8A

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9244 SILAN-SC9244 Datasheet
259Kb / 11P
   REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
   INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC3004 SILAN-SC3004 Datasheet
197Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
logo
ILLUMINANT CO., LTD
IG0903N-6FBD-183 ILLUMINANT-IG0903N-6FBD-183 Datasheet
54Kb / 1P
   Display Format: 96X32
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
   Output Data Format
07/14/15
logo
AverLogic Technologies ...
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
   Video Format Converter
logo
ILLUMINANT CO., LTD
IB1206N-6FWL-217 ILLUMINANT-IB1206N-6FWL-217 Datasheet
51Kb / 1P
   Display Format: 128X64
logo
Littelfuse
D10-59050-030-1 LITTELFUSE-D10-59050-030-1 Datasheet
18Kb / 1P
   UPDATE DRAWING FORMAT
AN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com