Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM69F536CTQ8.5 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MCM69F536CTQ8.5
Description  32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69F536CTQ8.5 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MCM69F536CTQ8.5 Datasheet HTML 3Page - Motorola, Inc MCM69F536CTQ8.5 Datasheet HTML 4Page - Motorola, Inc MCM69F536CTQ8.5 Datasheet HTML 5Page - Motorola, Inc MCM69F536CTQ8.5 Datasheet HTML 6Page - Motorola, Inc MCM69F536CTQ8.5 Datasheet HTML 7Page - Motorola, Inc MCM69F536CTQ8.5 Datasheet HTML 8Page - Motorola, Inc MCM69F536CTQ8.5 Datasheet HTML 9Page - Motorola, Inc MCM69F536CTQ8.5 Datasheet HTML 10Page - Motorola, Inc MCM69F536CTQ8.5 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MCM69F536C
7
MOTOROLA FAST SRAM
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V + 10%, – 5%, TA = 0 to 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS (Voltages Referenced to VSS = 0 V)
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VDD
3.135
3.3
3.6
V
Input Low Voltage
VIL
– 0.5*
0.8
V
Input High Voltage
VIH
2.0
5.5**
V
*VIL ≥ – 2 V for t ≤ tKHKH/2.
** VIH ≤ 6 V for tKHKH/2.
DC CHARACTERISTICS AND SUPPLY CURRENTS
Parameter
Symbol
Min
Max
Unit
Notes
Input Leakage Current (0 V
≤ Vin ≤ VDD) (Excluding LBO)
Ilkg(I)
± 1
µA
Output Leakage Current (0 V
≤ Vin ≤ VDD)
Ilkg(O)
± 1
µA
AC Supply Current (Device Selected,
MCM69F536C–8.5
All Outputs Open,
MCM69F536C–9
All Inputs Toggling at Vin ≤ VIL or ≥ VIH,
MCM69F536C–10
Cycle Time
≥ tKHKH min)
MCM69F536C–12
IDDA
320
320
310
300
mA
1, 2, 3
CMOS Standby Supply Current (Deselected,
MCM69F536C–8.5
Clock (K) Cycle Time
≥ tKHKH,
MCM69F536C–9
All Inputs Toggling at CMOS Levels
MCM69F536C–10
Vin ≤ VSS + 0.2 V or ≥ VDD – 0.2 V)
MCM69F536C–12
ISB1
150
150
140
130
mA
4
Clock Running Supply Current (Deselected,
MCM69F536C–8.5
Clock (K) Cycle Time
≥ tKHKH,
MCM69F536C–9
All Other Inputs Held to Static CMOS Levels
MCM69F536C–10
Vin ≤ VSS + 0.2 V or ≥ VDD – 0.2 V)
MCM69F536C–12
ISB2
55
55
50
45
mA
4
Output Low Voltage (IOL = 8 mA)
VOL
0.4
V
Output High Voltage (IOH = – 4 mA)
VOH
2.4
V
NOTES:
1. Reference AC Operating Conditions and Characteristics for input and timing.
2. All addresses transition simultaneously low (LSB) and then high (HSB).
3. Data states are all zero.
4. Device in deselected mode as defined by the Truth Table.
CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, TA = 25°C, Periodically Sampled Rather Than 100% Tested)
Parameter
Symbol
Min
Typ
Max
Unit
Input Capacitance
Cin
4
6
pF
Input/Output Capacitance
CI/O
7
9
pF


Similar Part No. - MCM69F536CTQ8.5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69F618C MOTOROLA-MCM69F618C Datasheet
203Kb / 12P
   64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F618CTQ10 MOTOROLA-MCM69F618CTQ10 Datasheet
203Kb / 12P
   64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F618CTQ10R MOTOROLA-MCM69F618CTQ10R Datasheet
203Kb / 12P
   64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F618CTQ12 MOTOROLA-MCM69F618CTQ12 Datasheet
203Kb / 12P
   64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F618CTQ12R MOTOROLA-MCM69F618CTQ12R Datasheet
203Kb / 12P
   64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69F536CTQ8.5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69F735 MOTOROLA-MCM69F735 Datasheet
181Kb / 16P
   128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F737 MOTOROLA-MCM69F737 Datasheet
283Kb / 20P
   128K x 36 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69F618C MOTOROLA-MCM69F618C Datasheet
203Kb / 12P
   64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F733A MOTOROLA-MCM63F733A Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com