Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-PAN-16-MOD Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-PAN-16-MOD
Description  MODULAR PATCH PANEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-PAN-16-MOD Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-PAN-16-MOD Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
larger image
Purchase Direct:
Contact Us
Product Information
Notes:
Universally applicable for RJ45 and fiber optic modules
Suitable for 19 "installation
Category: CAT 5e
Ports: 16
Color: black, RAL 9005
Copyright © Assmann Electronics Inc. 2005 - 2010
Product 22/23
MODULAR PATCH PANEL, UNSHIELDED 16-PORT, BLANK,
1U, RACK MOUNT BLACK RAL 9005
Part Number: A-PAN-16-MOD
300 Units in Stock
Modular Patch Panel, Unshielded 16-Port, Blank, 1U, rack mount black RAL 9005
Page 1 of 1
ASSMANN Electronics, Inc. 1-877-277-6266 :: Tempe, Arizona U.S.A.
8/30/2010
http://www.assmann.us/index.php?main_page=product_info&cPath=531_523&products_i...


Similar Part No. - A-PAN-16-MOD

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-PAN-24-MOD ASSMANN-A-PAN-24-MOD Datasheet
57Kb / 1P
   MODULAR PATCH PANEL
More results

Similar Description - A-PAN-16-MOD

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-PAN-24-MOD ASSMANN-A-PAN-24-MOD Datasheet
57Kb / 1P
   MODULAR PATCH PANEL
logo
PANDUIT CORP.
NKFP24Y PANDUIT-NKFP24Y Datasheet
106Kb / 1P
   NETKEY 24 PORT MODULAR FACEPLATE PATCH PANEL
NKFP48Y PANDUIT-NKFP48Y Datasheet
115Kb / 1P
   NETKEY 48 PORT MODULAR FACEPLATE PATCH PANEL
NKPP48HDY PANDUIT-NKPP48HDY Datasheet
142Kb / 1P
   NETKEY 48 PORT HIGH DENSITY MODULAR PATCH PANEL
CPPKL6ATG48WBL PANDUIT-CPPKL6ATG48WBL Datasheet
171Kb / 1P
   MINI-COM 48 PORT TX6A 10 GIG MODULAR PATCH PANEL KIT
6-25-13
logo
Kendall Howard
1916-3-200-04 KENDALLHOWARD-1916-3-200-04 Datasheet
924Kb / 2P
   PATCH PANEL BRACKETS
1916-3-200-02 KENDALLHOWARD-1916-3-200-02 Datasheet
924Kb / 2P
   PATCH PANEL BRACKETS
1916-3-200-06 KENDALLHOWARD-1916-3-200-06 Datasheet
924Kb / 2P
   PATCH PANEL BRACKETS
1916-3-200-01 KENDALLHOWARD-1916-3-200-01 Datasheet
71Kb / 1P
   1U PATCH PANEL BRACKET
logo
PANDUIT CORP.
CP245E88BLY PANDUIT-CP245E88BLY Datasheet
75Kb / 2P
   5e Coupler Patch Panel Component Labels for Category 5e Coupler Patch Panel
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com