Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE2522L-R Datasheet(PDF) 7 Page - SiGe Semiconductor, Inc.

Part # SE2522L-R
Description  RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2522L-R Datasheet(HTML) 7 Page - SiGe Semiconductor, Inc.

  SE2522L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2522L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SE2522L
RangeCharger™ 2.4 GHz Power Amplifier And Power Detector IC
Preliminary Information
Package Information
Notes: 1. Dimensions are in millimeters
2. Tolerance 0.1mm unless otherwise specified
3. Moisture/Reflow Sensitivity Classification: Level 1 (IPC/JEDEC-J-STD-020A)
4. Lead finish is 100% lead free electrolytic tin.
5. Exposed heat/electrical ground pad at bottom of package
18-DST-01 Rev 2.4 Aug 7/02
7 of 8


Similar Part No. - SE2522L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2522BL SIGE-SE2522BL Datasheet
399Kb / 8P
   RangeCharger??2.4GHz 23 dBm Power Amplifier Preliminary Information
More results

Similar Description - SE2522L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2525L SIGE-SE2525L Datasheet
1,000Kb / 12P
   RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
PA2423L SIGE-PA2423L_06 Datasheet
200Kb / 10P
   RangeCharger 2.4 GHz Power Amplifier IC
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
   RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2425U SIGE-SE2425U Datasheet
225Kb / 10P
   RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
PA2423G SIGE-PA2423G Datasheet
388Kb / 9P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423L SIGE-PA2423L Datasheet
367Kb / 11P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com