Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE1230Q Datasheet(PDF) 2 Page - SiGe Semiconductor, Inc.

Part # SE1230Q
Description  LightCharger??2.5 Gb/s Automatic Gain Control Amplifier Final
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE1230Q Datasheet(HTML) 2 Page - SiGe Semiconductor, Inc.

  SE1230Q Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE1230Q Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE1230Q Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE1230Q Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE1230Q Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE1230Q Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE1230Q Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE1230Q Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE1230Q Datasheet HTML 9Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SE1230Q
LightCharger
2.5 Gb/s Automatic Gain Control Amplifier
Final
Pin Out Diagram
VCC
VCC
VCC
VCC
GND
GND
GND
GND
INP
INN
GND
GND
OUTP
GND
OUTN
GND
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
Top
View
Pin Out Description
Pin No.
Name
Description
1
GND
Negative supply (0 V)
2
GND
Negative supply (0 V)
3
INP
Non-inverting input (50
Ω impedance)
4
GND
Negative supply (0 V)
5
INN
Inverting input (50
Ω impedance)
6
GND
Negative supply (0 V)
7
VCC
Positive supply (3.3 V)
8
VCC
Positive supply (3.3 V)
9
GND
Negative supply (0 V)
10
GND
Negative supply (0 V)
11
LOS
Loss of signal output (open collector)
12
VCC
Positive supply (3.3 V)
13
VCC
Positive supply (3.3 V)
14
LOS_INIT
Sets initial state of LOS output
49-DST-01 Rev 1.4 Apr 29/02
2 of 9


Similar Part No. - SE1230Q

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SE120 SANKEN-SE120 Datasheet
11Kb / 1P
   Error Amplifier ICs
logo
Faraday Technology
SE120-00 FARADAY-SE120-00 Datasheet
57Kb / 3P
   4-CHANNEL OVERSAMPLED POST FILTERS
logo
Sanken electric
SE120N SANKEN-SE120N Datasheet
11Kb / 1P
   Error Amplifier ICs
logo
Faraday Technology
SE121-00 FARADAY-SE121-00 Datasheet
104Kb / 2P
   4-CHANNEL OVERSAMPLED POST FILTER
logo
Sanken electric
SE125 SANKEN-SE125 Datasheet
11Kb / 1P
   Error Amplifier ICs
More results

Similar Description - SE1230Q

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE1030W SIGE-SE1030W Datasheet
102Kb / 9P
   LightCharger??2.5 Gb/s Transimpedance Amplifier Final
SE1031W SIGE-SE1031W Datasheet
80Kb / 7P
   LightCharger??2.5 Gb/s Transimpedance Amplifier LP Final
SE1050W SIGE-SE1050W Datasheet
133Kb / 11P
   LightCharger??10 Gb/s Transimpedance Amplifier Final
logo
Analog Devices
AD8367S AD-AD8367S Datasheet
1Mb / 19P
   Variable Gain Amplifier with Automatic Gain Control Detector
logo
Silicon Laboratories
SI4732-A10 SILABS-SI4732-A10 Datasheet
1Mb / 3P
   Automatic gain control
logo
Samsung semiconductor
S1T8507C SAMSUNG-S1T8507C Datasheet
93Kb / 6P
   Automatic gain control system
logo
API Technologies Corp
BXMF1038 APITECH-BXMF1038 Datasheet
501Kb / 1P
   Automatic Gain Controlled Amplifier
BXMF1037 APITECH-BXMF1037 Datasheet
503Kb / 1P
   Automatic Gain Controlled Amplifier
BXMF1042 APITECH-BXMF1042 Datasheet
571Kb / 2P
   Automatic Gain Controlled Amplifier
BXMF1041 APITECH-BXMF1041 Datasheet
507Kb / 1P
   Automatic Gain Controlled Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com