Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10104999-L0E-10DLF Datasheet(PDF) 2 Page - FCI connector

Part # 10104999-L0E-10DLF
Description  XCede짰 High-Performance Backplane Connector System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

10104999-L0E-10DLF Datasheet(HTML) 2 Page - FCI connector

  10104999-L0E-10DLF Datasheet HTML 1Page - FCI connector 10104999-L0E-10DLF Datasheet HTML 2Page - FCI connector 10104999-L0E-10DLF Datasheet HTML 3Page - FCI connector 10104999-L0E-10DLF Datasheet HTML 4Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fciconnect.com
XCede® HigH-PerformanCe BaCkPlane ConneCtor SyStem
MAteriALs
contacts: copper alloy
platings:
• performance based plating at separable interface
(telecordia Gr-1217 core central office)
• tin or tin-lead over nickel on press-fit tails
Housings: High temperature thermoplastic, uL 94-V0
Wafer organizer: stainless steel
MecHAnicAL perForMAnce
Mating force: 0.65 n maximum per contact
unmating force: 0.15 n minimum per contact
press-fit insertion force: 35.6 n maximum per tail
enVironMentAL
telcordia Gr-1217-core central office
speciFicAtions
production specification: Gs-12-588
Application specification: Gs-20-121
ApproVALs AnD certiFicAtions
uL and csA approvals
eLectricAL perForMAnce
contact resistance: 10 mΩ maximum change from initial
reading after environmental exposure
current rating (with < 30 oc temperature rise above
ambient):
• signal contact: 1 A/contact
• Wide ground contact: 2 A/contact
• power contact: 6 A/blade
insertion loss performance: see below
crosstalk performance: see below
For more information, visit www.fciconnect.com/highspeed or contact Xcede@fci.com
AppLicAtions
Maximum power-summed crosstalk & insertion Loss
(Xcede connectors with 4 differential pairs/column)
tecHnicAL inForMAtion


Similar Part No. - 10104999-L0E-10DLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10104 ETC-10104 Datasheet
116Kb / 1P
   Heyco짰 Nylon PCB Supports - Imperial Spacing
logo
Heyco.
10104 HEYCO-10104 Datasheet
113Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
Lapp.
10104000 LAPP-10104000 Datasheet
137Kb / 2P
   EPIC® H-B 24 SGR
17.09.2018
logo
FCI connector
10104109 FCI-CONNECTOR-10104109 Datasheet
174Kb / 1P
   MICRO-USB B-TYPE PLUG
10104109-0001LF FCI-CONNECTOR-10104109-0001LF Datasheet
174Kb / 1P
   MICRO-USB B-TYPE PLUG
More results

Similar Description - 10104999-L0E-10DLF

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
7-1773458-1 TEC-7-1773458-1 Datasheet
3Mb / 30P
   Impact??Backplane Connector System
logo
Vitesse Semiconductor C...
VSC870 VITESSE-VSC870 Datasheet
511Kb / 40P
   High Performance Serial Backplane Transceiver
logo
Advantech Co., Ltd.
IRS-3500 ADVANTECH-IRS-3500_15 Datasheet
466Kb / 1P
   1U High Performance Rugged System
EI-A215 ADVANTECH-EI-A215 Datasheet
937Kb / 2P
   High-Performance Edge Intelligence System
2-Jun-2020
logo
Texas Instruments
LMX2531 TI1-LMX2531_14 Datasheet
1Mb / 48P
[Old version datasheet]   High-Performance Frequency Synthesizer System
logo
MKS Instruments.
VISION2000-P MKS-VISION2000-P Datasheet
353Kb / 4P
   HIGH PERFORMANCE PROCESS MONITORING SYSTEM
logo
Molex Electronics Ltd.
86105-0100 MOLEX-86105-0100 Datasheet
182Kb / 3P
   HBMTTM MT High Density Backplane Interconnect System
logo
ON Semiconductor
BELASIGNA250 ONSEMI-BELASIGNA250 Datasheet
501Kb / 30P
   High-Performance Programmable Audio Processing System
January, 2015 ??Rev. 10
B250W48A106XXG ONSEMI-B250W48A106XXG Datasheet
559Kb / 30P
   High-Performance Programmable Audio Processing System
July, 2012 ??Rev. 9
logo
Molex Electronics Ltd.
106186-0017 MOLEX-106186-0017 Datasheet
476Kb / 2P
   MTP* Backplane Interconnect System (BMTP)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com