Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10118744-1133325LF Datasheet(PDF) 2 Page - FCI connector

Part # 10118744-1133325LF
Description  High Density, Low Profile 1.00mm Pitch Mezzanine Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

10118744-1133325LF Datasheet(HTML) 2 Page - FCI connector

  10118744-1133325LF Datasheet HTML 1Page - FCI connector 10118744-1133325LF Datasheet HTML 2Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONAN®
www.fciconnect.com/conan
For more information please contact: elxcommunications@fci.com
MATERIALS
Contact base metal
• Header: Phosphor bronze
• Receptacle: Copper Alloy, High Spring
Contact area finish: gold or GXT
Solder area finish: Pure tin over 1.27um (50uin.) nickel
Housing material: Cream-colored LCP (UL 94V-0)
Mating force: 125g per contact max
Unmating force: 25g per contact min
Retention force (connector to PCB): 44 N (10lbf) min
Contact wipe: 0.64mm (0.025 in.)
Durability: 30 mating cycles
ENVIRONMENTAL PERFORMANCE
MECHANICAL PERFORMANCE
GS-12-0977
SPECIFICATIONS
Tape and reel with vacuum pickup caps
PACKAGING
IMFG per EIA 364-65 class 2a
without SO2, 20 days mated
High temperature life 105°C
PART NUMBERS
Mated connector max.width: .220” (5.59mm)
For additional configurations and packaging please consult print 91900 at www.fciconnect.com
ELECTRICAL PERFORMANCE
Insulation resistance: 1000 M
Ω min
Contact resistance: 30 m
Ω max
Withstanding voltage: 500 V ac, rms, 60 Hz
Current rating: 1.0 amp continuous
(per contact, all contacts powered)
Signal Integrity (differential pairs, connector only)
• Impedance: 100
Ω +/- 10% @ 50 ps edge (10-90%)
• Insertion Loss: < 1dB to 5GHz
• NEXT:
≤3.5% for a 50 ps edge (10-90%)
• FEXT:
≤2.5% for a 50 ps edge (10-90%)
High Density, Low Profile 1.00mm Pitch Mezzanine Connectors
C - Series for Demanding Commercial Electronics Applications


Similar Part No. - 10118744-1133325LF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
10118 PHILIPS-10118 Datasheet
174Kb / 4P
   Dual 2-Wide 3-Input OR-AND Gate
June 14 1990
logo
List of Unclassifed Man...
10118 ETC-10118 Datasheet
116Kb / 1P
   Heyco짰 Nylon PCB Supports - Imperial Spacing
logo
Heyco.
10118 HEYCO-10118 Datasheet
113Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
FCI connector
10118074-500A010LF FCI-CONNECTOR-10118074-500A010LF Datasheet
198Kb / 3P
   CAT 3 MULTIPORT STACKED 2x8 WITH SHIELD, W/O LED
10118192 FCI-CONNECTOR-10118192 Datasheet
77Kb / 1P
   MICRO USB B TYPE RECEPTACLE
More results

Similar Description - 10118744-1133325LF

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0714362264 MOLEX8-0714362264 Datasheet
273Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
logo
MolexKits
76650-0172 MOLEXKITS-76650-0172 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
logo
DB Lectro Inc
A07 DBLECTRO-A07 Datasheet
291Kb / 1P
   LOW PROFILE HIGH DENSITY IDC SOCKET
A15 DBLECTRO-A15 Datasheet
233Kb / 1P
   LOW PROFILE HIGH DENSITY DIP PLUG
logo
TE Connectivity Ltd
108-2246 TEC-108-2246 Datasheet
206Kb / 5P
   1.0 mm Mezzanine Connectors
logo
Cooper Bussmann, Inc.
SD52-680-R COOPER-SD52-680-R Datasheet
192Kb / 3P
   High Power Density, Low Profile, Shielded Inductors
logo
List of Unclassifed Man...
SD18-100 ETC1-SD18-100 Datasheet
395Kb / 8P
   High Power Density, Low Profile, Shielded Inductors
logo
Hirose Electric
DN210-50P HIROSE-DN210-50P Datasheet
776Kb / 6P
   HIGH DENSITY MINIATURE CONNECTORS
IT3D-100S-BGA37 HIROSE-IT3D-100S-BGA37 Datasheet
1Mb / 20P
   High-Speed(10Gbps) BGA Mezzanine Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com