Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2423G Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # PA2423G
Description  2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

PA2423G Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  PA2423G Datasheet HTML 1Page - SiGe Semiconductor, Inc. PA2423G Datasheet HTML 2Page - SiGe Semiconductor, Inc. PA2423G Datasheet HTML 3Page - SiGe Semiconductor, Inc. PA2423G Datasheet HTML 4Page - SiGe Semiconductor, Inc. PA2423G Datasheet HTML 5Page - SiGe Semiconductor, Inc. PA2423G Datasheet HTML 6Page - SiGe Semiconductor, Inc. PA2423G Datasheet HTML 7Page - SiGe Semiconductor, Inc. PA2423G Datasheet HTML 8Page - SiGe Semiconductor, Inc. PA2423G Datasheet HTML 9Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PA2423G
2.4 GHz Bluetooth Class 1 Power Amplifier IC
Preliminary Information
Applications
Bluetooth
tm Class 1
USB Dongles
Laptops
Access Points
Cordless Piconets
Flip chip and chip-on-board applications
Features
+22.5 dBm at 47% Power Added Efficiency
Low current 80 mA typical @ Pout=+20 dBm
Temperature stability better than 1dB
Power-control and Power-down modes
-40C to +85C temperature range
Gold bump bare die (0.63mm x 0.96mm)
Ordering Information
Part
Package
Shipping
Method
PA2423G
Gold bump bare
die
Diced wafer
Waffle pack
PA2423G-EV
Evaluation kit
Product Description
A monolithic, high-efficiency, silicon-germanium
power amplifier IC, the PA2423G is designed for
Class 1 Bluetooth
tm 2.4 GHz radio applications. It
delivers +22.5 dBm output power with 47% power-
added
efficiency
making
it
capable
of
overcoming insertion losses of up to 2.5 dB
between amplifier output and antenna input in
Class 1 Bluetooth
tm applications.
The amplifier features:
an analog control input for improving PAE at
reduced output power levels;
a digital control input for controlling power up
and power down modes of operation.
An on-chip ramping circuit corrects the turn-on/off
switching of amplifier output with less than 3 dB
overshoot, meeting the Bluetooth
tm specification 1.1.
The PA2423G operates at 3.3V DC. At typical
output power level (+22.5 dBm), its current
consumption is 120 mA.
The silicon/silicon-germanium structure of the
PA2423G provides high thermal conductivity and
a subsequently low junction temperature. This
device is capable of operating at a duty cycle of
100 percent.
Functional Block Diagram
Stage 1
Stage 2
Interstage
Match
Bias Generator
Ramp
Circuitry
V
CTL
V
CC0
V
RAMP
IN
OUT/ V
CC2
V
CC1
GND
GND
DOC # 05PDS003 Rev 5
07/26/2001
Page 1


Similar Part No. - PA2423G

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
PA2423 SIGE-PA2423 Datasheet
367Kb / 11P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423 SIGE-PA2423 Datasheet
370Kb / 10P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Production Information
PA2423L SIGE-PA2423L Datasheet
367Kb / 11P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
PA2423L SIGE-PA2423L Datasheet
132Kb / 8P
   RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
PA2423L SIGE-PA2423L Datasheet
200Kb / 10P
   RangeCharger 2.4 GHz Power Amplifier IC
More results

Similar Description - PA2423G

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
PA2423L SIGE-PA2423L Datasheet
367Kb / 11P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Preliminary Information
SE2425U SIGE-SE2425U Datasheet
225Kb / 10P
   RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
PA2423MB SIGE-PA2423MB Datasheet
370Kb / 10P
   2.4 GHz Bluetooth Class 1 Power Amplifier IC Production Information
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
   RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
PA2423U SIGE-PA2423U Datasheet
230Kb / 10P
   RangeChargerTM 2.4 GHz Bluetoothtm Power Amplifier IC Preliminary
logo
ATMEL Corporation
T7023 ATMEL-T7023 Datasheet
203Kb / 11P
   Bluetooth 2.4-GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com