Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10112632-101LF Datasheet(PDF) 2 Page - FCI connector

Part # 10112632-101LF
Description  Mini-SAS HD Next generation SAS storage interface
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

10112632-101LF Datasheet(HTML) 2 Page - FCI connector

  10112632-101LF Datasheet HTML 1Page - FCI connector 10112632-101LF Datasheet HTML 2Page - FCI connector 10112632-101LF Datasheet HTML 3Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mini-SAS HD Connectors and Cable Assemblies
Next generation SAS storage interface
TECHNICAL INFORMATION
MATERIALS
Board Receptacle Contact: Copper alloy
Board Receptacle Housing: Thermoplastic high
temperature UL94V-0
Board Receptacle Plating: Gold over Nickel
Plug Paddle Card: Copper/FR4 – Gold over
Nickel plating.
ELECTRICAL PERFORMANCE
Impedance: 100 +/- 15Ω
Voltage Rating: 30 Volts AC (RMS)/DC Max
Current Rating: 0.5 Amps Max
APPROVALS AND CERTIFICATIONS
RoHS conforms to EU directive 2002/95/EC
UL Approval
PACKAGING
Board Receptacle: Tray
Plug/Cable Assembly: Bag
ENVIRONMENTAL
Thermal Shock (temperature cycling):
conforms to EIA-364-32
Temperature life (heat aging): conforms to
EIA-361-17, 105°C for 500 hours
Operating temperature range : -40°C to 80°C
MECHANICAL PERFORMANCE
Durability: 250 cycles
SPECIFICATIONS
Product Spec: GS-12-651
Application Specification: GS-20-0327
Internal Mini-SAS HD
Cables
External Mini-SAS HD
Cables
External Mini-SAS HD
Connectors
Internal Mini-SAS HD
Connectors


Similar Part No. - 10112632-101LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
10112632 FCI-CONNECTOR-10112632 Datasheet
229Kb / 4P
   IXI INTERNAL ASSEMBLY
More results

Similar Description - 10112632-101LF

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-U92-A2X0-1X0X-XX AMPHENOL-P-U92-A2X0-1X0X-XX Datasheet
298Kb / 4P
   8X MINI SAS HD
P-U92-A410-1X01-XX AMPHENOL-P-U92-A410-1X01-XX Datasheet
267Kb / 4P
   16X MINI SAS HD
logo
TE Connectivity Ltd
408-10466 TEC-408-10466 Datasheet
108Kb / 2P
   HD Mini-SAS Removal Tools
408-32028 TEC-408-32028 Datasheet
84Kb / 4P
   Mini-SAS HD Seating Tool Kit
108-152051 TEC-108-152051 Datasheet
85Kb / 5P
   External Mini-SAS HD Cable Assembly System
logo
Amphenol Corporation
P-U92-A1X0-1X0X-XX AMPHENOL-P-U92-A1X0-1X0X-XX Datasheet
286Kb / 4P
   4X MIN SAS HD
logo
NEC
ST1240 NEC-ST1240 Datasheet
184Kb / 2P
   ECONOMICAL SAS DIRECT ATTACHED STORAGE
logo
Tripp Lite. All Rights ...
S50618N TRIPPLITE-S50618N Datasheet
493Kb / 2P
   Internal SAS Cable, mini-SAS (SFF-8087) to mini-SAS (SFF-8087), 18-in. (0.5M)
S506-18N TRIPPLITE-S506-18N Datasheet
494Kb / 2P
   Internal SAS Cable, mini-SAS (SFF-8087) to mini-SAS (SFF-8087), 18-in. (0.5M)
S506003 TRIPPLITE-S506003 Datasheet
491Kb / 2P
   Internal SAS Cable, mini-SAS (SFF-8087) to mini-SAS (SFF-8087), 3-ft. (1M)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com