Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM69D536 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MCM69D536
Description  32K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69D536 Datasheet(HTML) 4 Page - Motorola, Inc

  MCM69D536 Datasheet HTML 1Page - Motorola, Inc MCM69D536 Datasheet HTML 2Page - Motorola, Inc MCM69D536 Datasheet HTML 3Page - Motorola, Inc MCM69D536 Datasheet HTML 4Page - Motorola, Inc MCM69D536 Datasheet HTML 5Page - Motorola, Inc MCM69D536 Datasheet HTML 6Page - Motorola, Inc MCM69D536 Datasheet HTML 7Page - Motorola, Inc MCM69D536 Datasheet HTML 8Page - Motorola, Inc MCM69D536 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MCM69D536
4
MOTOROLA FAST SRAM
PIN DESCRIPTIONS
Pin Locations
Symbol
Type
Description
65, 63, 61, 59, 57, 55, 169, 167,
145, 143, 68, 70, 72, 74, 76
AX0 –
AX14
Input
Address Port X. Never allow floating addresses for inputs AX0 – AX14.
A pullup resistor is needed.
64, 62, 60, 58, 56, 54, 168, 166,
144, 142, 69, 71, 73, 75, 77
AY0 –
AY14
Input
Address Port Y. Never allow floating addresses for inputs AY0 – AY14.
A pullup resistor is needed.
82, 86, 90, 94, 96, 100, 102, 106, 108,
113. 115, 119, 121, 125, 127, 131,
135, 139, 170, 174, 2, 6, 8, 12, 14, 18,
20, 25, 27, 31, 33, 37, 39, 43, 47, 51
DQX0 –
DQX35
I/O
Data Input/Output Port X.
83, 87, 91, 95, 97, 101, 103, 107, 109,
112, 114, 118, 120, 124, 126, 130, 134,
138, 171, 175, 3, 7, 9, 13, 15, 19, 21,
24, 26, 30, 32, 36, 38, 42, 46, 50
DQY0 –
DQY35
I/O
Data Input/Output Port Y.
150
E1
Input
Synchronous Chip Enable: Active low.
151
E2
Input
Synchronous Chip Enable: Active high.
152
GX
Input
Asynchronous Output Enable Port X Input:
Low — enables output buffers (DQXx pins).
High — DQXx pins are high impedance.
153
GY
Input
Asynchronous Output Enable Port Y Input:
Low — enables output buffers (DQYx pins).
High — DQYx pins are high impedance.
156
K
Input
Clock: This signal registers the address, data in, and all control signals
except G.
146
PTX
Input
Pass–Through Port X.
147
PTY
Input
Pass–Through Port Y.
148
WX
Input
Synchronous Write Enable Port X.
149
WY
Input
Synchronous Write Enable Port Y.
4, 10, 16, 22, 28, 34, 40, 49,
67, 84, 92, 98, 104, 110,
116, 122, 128, 137, 155, 172
VDD
Supply
+ 3.3 V Power Supply.
5, 11, 17, 23, 29, 35, 41, 48,
66, 85, 93, 99, 105, 111,
117, 123. 129, 136, 154, 173
VSS
Supply
Ground.
1, 44, 45, 52, 53, 88,
89, 132, 133, 165, 176
VSSi
Input
Bonded to die flag. No chip current flows through these pins.
78– 81, 140, 141, 157 – 164
NC
No Connection: There is no connection to the chip.


Similar Part No. - MCM69D536

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69D618 MOTOROLA-MCM69D618 Datasheet
211Kb / 14P
   64K x 18 Bit Synchronous Dual I/O, Dual Address SRAM
MCM69D618TQ6 MOTOROLA-MCM69D618TQ6 Datasheet
211Kb / 14P
   64K x 18 Bit Synchronous Dual I/O, Dual Address SRAM
MCM69D618TQ6R MOTOROLA-MCM69D618TQ6R Datasheet
211Kb / 14P
   64K x 18 Bit Synchronous Dual I/O, Dual Address SRAM
MCM69D618TQ8 MOTOROLA-MCM69D618TQ8 Datasheet
211Kb / 14P
   64K x 18 Bit Synchronous Dual I/O, Dual Address SRAM
MCM69D618TQ8R MOTOROLA-MCM69D618TQ8R Datasheet
211Kb / 14P
   64K x 18 Bit Synchronous Dual I/O, Dual Address SRAM
More results

Similar Description - MCM69D536

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1299A CYPRESS-CY7C1299A Datasheet
142Kb / 11P
   32K x 36 Dual I/O Dual Address Synchronous SRAM
logo
Freescale Semiconductor...
MCM63D736 FREESCALE-MCM63D736 Datasheet
455Kb / 16P
   128K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
logo
Cypress Semiconductor
CY7C1300A CYPRESS-CY7C1300A Datasheet
147Kb / 12P
   128K X 36 Dual I/O Dual Address Synchronous SRAM
logo
Motorola, Inc
MCM69D618 MOTOROLA-MCM69D618 Datasheet
211Kb / 14P
   64K x 18 Bit Synchronous Dual I/O, Dual Address SRAM
MCM69Q536 MOTOROLA-MCM69Q536 Datasheet
183Kb / 12P
   32K x 36 Bit Synchronous Separate I/O SRAM
MCM62110 MOTOROLA-MCM62110 Datasheet
206Kb / 12P
   32K x 9 Bit Synchronous Dual I/O or Separate I/O Fast Static RAM with Parity Checker
MCM69Q618 MOTOROLA-MCM69Q618 Datasheet
178Kb / 12P
   64K x 18 Bit Synchronous Separate I/O SRAM
logo
Alliance Semiconductor ...
AS7C3256A ALSC-AS7C3256A Datasheet
248Kb / 9P
   3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C256A ALSC-AS7C256A Datasheet
248Kb / 9P
   5V 32K X 8 CMOS SRAM (Common I/O)
AS7C3256A-8 ALSC-AS7C3256A-8 Datasheet
301Kb / 9P
   3.3V 32K X 8 CMOS SRAM (Common I/O)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com