Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E62131-000 Datasheet(PDF) 9 Page - Tyco Electronics

Part # E62131-000
Description  RAYCHEM Tubing Products
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

E62131-000 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button E62131-000 Datasheet HTML 5Page - Tyco Electronics E62131-000 Datasheet HTML 6Page - Tyco Electronics E62131-000 Datasheet HTML 7Page - Tyco Electronics E62131-000 Datasheet HTML 8Page - Tyco Electronics E62131-000 Datasheet HTML 9Page - Tyco Electronics E62131-000 Datasheet HTML 10Page - Tyco Electronics E62131-000 Datasheet HTML 11Page - Tyco Electronics E62131-000 Datasheet HTML 12Page - Tyco Electronics E62131-000 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
1-117
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
RAYCHEM Tubing Products
1
SST/SST-FR
Self-Sealing,
Heat-Shrinkable Tubing
Product Facts
I
Thick adhesive liner forms
an effective barrier against
fluids and moisture
I
Thick-wall insulation,
strain relief and abrasion
protection
I
No need for greases, tape,
or epoxy
I
Expansion ratios as high as
3:1
I
Available in flame-retardant
material
I
SST has the following
agency approvals:
- ABS (American Bureau of
Shipping)
- Lloyd’s (Lloyd’s Register of
Shipping)
I
RoHS compliant
Specifications/Approvals
Series
Military
Industry
Agency
Raychem
SST
——
RW-2011
SST-FR
AMS-DTL-23053/15*,
ASTM D 685, nonburning
ABS, Lloyd’s
RW-2011
Classes 1 and 2
*Formerly MIL-I-23053/I5 and MIL-DTL-23053/15.
Applications
SST provides a simple,
positive splice-sealing
method that offers
protection under adverse
environmental conditions.
Tubing supplied with
standard sealant provides
water sealing and environ-
mental protection in wet or
underground applications.
The thermoplastic adhesive
not only seals, but also
provides mechanical strain
relief. The polymer tubing
has excellent insulating,
abrasion-resistance, and
strain-relief properties.
Installation
Minimum shrink
temperature: 90°C [195°F]
Minimum full recovery
temperature: 121°C [250°F]
Operating Temperature Range
-55°C to 110°C
[-67°F to 230°F]
Available in:
Americas
Europe
Asia Pacific
II
I


Similar Part No. - E62131-000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
E62181-000 MACOM-E62181-000 Datasheet
234Kb / 2P
   D-SCE Fluid resistant heat-shrinkable wire identification sleeves
More results

Similar Description - E62131-000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TAT-125-1 MACOM-TAT-125-1 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
SST-48-07 MACOM-SST-48-07 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
A44820-000 MACOM-A44820-000 Datasheet
120Kb / 2P
   RAYCHEM Tubing Products
003667-000 MACOM-003667-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
M/A-COM Technology Solu...
5038104002 MA-COM-5038104002 Datasheet
114Kb / 2P
   RAYCHEM Tubing Products
logo
Tyco Electronics
022611-000 MACOM-022611-000 Datasheet
652Kb / 24P
   RAYCHEM Tubing Products
019083-000 MACOM-019083-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
TE Connectivity Ltd
2-1773452-8 TEC-2-1773452-8 Datasheet
2Mb / 8P
   APPLICATION TOOLING FOR RAYCHEM HEAT SHRINK PRODUCTS FROM TE CONNECTIVITY
logo
Tyco Electronics
013206-000 MACOM-013206-000 Datasheet
58Kb / 2P
   RAYCHEM
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
   Tubing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com