Electronic Components Datasheet Search |
|
D153Z43Y5VL6.J5. Datasheet(PDF) 4 Page - Vishay Siliconix |
|
D153Z43Y5VL6.J5. Datasheet(HTML) 4 Page - Vishay Siliconix |
4 / 6 page Document Number: 28513 For technical questions, contact: CDC@vishay.com www.vishay.com Revision: 07-Jan-10 43 D Series Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose Vishay BCcomponents Notes (1) Cumulative pitch error: ± ≤ 1mm/20 pitches (2) Obliquity maximum 3° ΔP ΔP Δh Δh D P 2 P P 1 P 0 D 0 H1 H 0 Direction of unreeling Ø d F W 2 W 1 t 1 W 0 W e A Kinked capacitors on tape, lead spacing 5.0 mm (0.2") detail A DIMENSIONS OF TAPE SYMBOL PARAMETER DIMENSIONS (mm) NOMINAL TOLERANCE D Body diameter 11.0 maximum - d Lead diameter 0.6 ± 0.05 P (1) Pitch between capacitors 12.7 ± 1.0 P0 Feed-hole pitch 12.7 ± 0.3 ΔP Plane deviation 1.0 maximum - P1 (2) Feed-hole center to lead center 3.85 ± 0.7 P2 (2) Feed-hole center to component center 6.35 ± 1.3 F Lead spacing 5.0 0.6 - 0.4 Δh Component alignment 0 ± 1.0 W Tape width 18.0 1.0 - 0.5 W0 Hold-down tape width 5.0 minimum - W1 Hole position 9.0 0.75 - 0.5 W2 Hold-down tape margin 3.0 maximum - H0 Height to seating plane 16.0 ± 0.5 H1 Maximum component height 32.0 - e Lead end protrusion 1.0 maximum - L Maximum length of snipped lead 11.0 - D0 Feed-hole diameter 4.0 ± 0.2 t Total tape thickness 0.9 maximum - t1 Maximum thickness of tape and wires 1.5 maximum - |
Similar Part No. - D153Z43Y5VL6.J5. |
|
Similar Description - D153Z43Y5VL6.J5. |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |