Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D222Z20Y5VH6.L2R Datasheet(PDF) 3 Page - Vishay Siliconix

Part # D222Z20Y5VH6.L2R
Description  D Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D222Z20Y5VH6.L2R Datasheet(HTML) 3 Page - Vishay Siliconix

  D222Z20Y5VH6.L2R Datasheet HTML 1Page - Vishay Siliconix D222Z20Y5VH6.L2R Datasheet HTML 2Page - Vishay Siliconix D222Z20Y5VH6.L2R Datasheet HTML 3Page - Vishay Siliconix D222Z20Y5VH6.L2R Datasheet HTML 4Page - Vishay Siliconix D222Z20Y5VH6.L2R Datasheet HTML 5Page - Vishay Siliconix D222Z20Y5VH6.L2R Datasheet HTML 6Page - Vishay Siliconix D222Z20Y5VH6.L2R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28511
30
Revision: 07-Jan-10
D Series
Vishay BCcomponents
Ceramic Disc Capacitors
Class 1 and 2, 100 VDC, General Purpose
ORDERING INFORMATION, CLASS 2, 100 VDC, KINKED AND STRAIGHT
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
F
(mm)
SH/DRMAX. (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
CLASS 2 Y5P
150
±10
5.0
5.0
4.0
D151K20Y5PH6.J5R
2.5
1.5
D151K20Y5PH6.L2R
180
5.0
4.0
D181K20Y5PH6.J5R
2.5
1.5
D181K20Y5PH6.L2R
220
5.0
4.0
D221K20Y5PH6.J5R
2.5
1.5
D221K20Y5PH6.L2R
330
5.0
4.0
D331K20Y5PH6.J5R
2.5
1.5
D331K20Y5PH6.L2R
470
5.0
4.0
D471K20Y5PH6.J5R
2.5
1.5
D471K20Y5PH6.L2R
680
5.0
4.0
D681K20Y5PH6.J5R
2.5
1.5
D681K20Y5PH6.L2R
1000
5.0
4.0
D102K20Y5PH6.J5R
2.5
1.5
D102K20Y5PH6.L2R
1500
6.5
5.0
4.0
D152K25Y5PH6.J5R
2.5
1.5
D152K25Y5PH6.L2R
1800
5.0
4.0
D182K25Y5PH6.J5R
2.5
1.5
D182K25Y5PH6.L2R
2200
5.0
4.0
D222K25Y5PH6.J5R
2.5
1.5
D222K25Y5PH6.L2R
3300
7.5
5.0
4.0
D332K29Y5PH6.J5R
2.5
1.5
D332K29Y5PH6.L2R
4700
8.5
5.0
4.0
D472K33Y5PH6.J5R
2.5
1.5
D472K33Y5PH6.L2R
6800
10.0
5.0
4.0
D682K39Y5PH6.J5R
2.5
1.5
D682K39Y5PH6.L2R
10000
11.0
5.0
4.0
D103K43Y5PH6.J5R
2.5
1.5
D103K43Y5PH6.L2R
CLASS 2 Z5U
1000
± 20
5.0
5.0
4.0
D102M20Z5UH6.J5R
2.5
1.5
D102M20Z5UH6.L2R
1500
5.0
4.0
D152M20Z5UH6.J5R
2.5
1.5
D152M20Z5UH6.L2R
2200
5.0
4.0
D222M20Z5UH6.J5R
2.5
1.5
D222M20Z5UH6.L2R
3300
5.0
4.0
D332M20Z5UH6.J5R
2.5
1.5
D332M20Z5UH6.L2R
4700
6.5
5.0
4.0
D472M25Z5UH6.J5R
2.5
1.5
D472M25Z5UH6.L2R
6800
5.0
4.0
D682M25Z5UH6.J5R
2.5
1.5
D682M25Z5UH6.L2R
10 000
7.5
5.0
4.0
D103M29Z5UH6.J5R
2.5
1.5
D103M29Z5UH6.L2R
15 000
8.5
5.0
4.0
D153M33Z5UH6.J5R
2.5
1.5
D153M33Z5UH6.L2R
22 000
10.0
5.0
4.0
D223M39Z5UH6.J5R
2.5
1.5
D223M39Z5UH6.L2R
Note
(1) SH = seated height; DR = run down
• Maximum thickness 4.0 mm
• Lead style codes refer to lead cofiguration


Similar Part No. - D222Z20Y5VH6.L2R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D222Z20Y5VH6.L2R VISHAY-D222Z20Y5VH6.L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
More results

Similar Description - D222Z20Y5VH6.L2R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D100J20C0GL6 VISHAY-D100J20C0GL6 Datasheet
295Kb / 6P
   D Series
Revision: 07-Jan-10
logo
ITT Industries
053515-1145 ITT-053515-1145 Datasheet
34Kb / 1P
   Combo D Series: D-Subminiature offering mixed Combo D Series: D-Subminiature offering mixed
logo
Ohmite Mfg. Co.
DV-T263-101E OHMITE-DV-T263-101E Datasheet
104Kb / 1P
   D Series Heatsinks
logo
Vishay Siliconix
SIHP14N50D VISHAY-SIHP14N50D Datasheet
165Kb / 9P
   D Series Power MOSFET
Rev. A, 21-May-12
DSERIENT VISHAY-DSERIENT Datasheet
321Kb / 6P
   D Series Narrow Tolerance
Revision: 07-Jan-10
SIHB8N50D VISHAY-SIHB8N50D Datasheet
155Kb / 7P
   D Series Power MOSFET
Rev. A, 21-Jan-13
SIHB10N40D VISHAY-SIHB10N40D_V01 Datasheet
157Kb / 7P
   D Series Power MOSFET
01-Jan-2022
logo
Shenzhen SI Semiconduct...
BLD123D SISEMIC-BLD123D Datasheet
416Kb / 6P
   NPN D SERIES TRANSISTORS
logo
Switchcraft, Inc.
CAPFD SWITCH-CAPFD Datasheet
97Kb / 1P
   D SERIES FEMALE CAP
10-13-14
logo
Vishay Siliconix
SIHF6N40D VISHAY-SIHF6N40D_V01 Datasheet
182Kb / 9P
   D Series Power MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com