Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4923 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # TLE4923
Description  Dynamic Differential Hall Effect Sensor IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4923 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button TLE4923 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4923 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TLE 4923
Semiconductor Group
6
1998-04-29
AC/DC Characteristics
The device characteristics listed below are guaranteed in the full operating range.
Parameter
Symbol
Limit Values
Unit
Test Condition Test
Circuit
min. typ.
max.
Supply current
I
S
3.1
8.1
4.1
10.5
5.3
13.6
mA
mA
1
1
Supply current
difference
I
son - Isoff
5.0
6.4
8.3
mA
1
Supply current ratio
I
SON /
I
SOFF
22.4
3
1
Center of switching
points:
(
B
OP + ∆BRP) / 2
B
m
– 0.5 0
0.5
mT
B = 2.0 mT,
f = 200 Hz,
– 40
°C< T
j
150
°C 1) 2)
2
Center of switching
points:
(
B
OP + ∆BRP) / 2
B
m
– 0.7 0
0.7
mT
B = 2.0 mT,
f = 200 Hz,
150
°C< T
j <
190
°C 1) 2)
2
Hysteresis
B
hy
11.5
2.2
mT
B = 2.0 mT,
f = 200 Hz
3)
2
Current rise time
t
r
0.5
µs2
Current fall time
t
f
0.5
µs2
Delay time
4)
t
dop
t
drp
t
dop - tdrp
25
10
15
µs
µs
µs
f = 10 kHz,
B = 5 mT
2
Filter input resistance
R
C
35
43
52
k
25 °C
± 2 °C1
Filter sensitivity to
BS
C
8.5
mV/
mT
25 °C
± 2 °C1
Filter bias voltage
V
C
1.6
2.0
2.4
V
B = 0
1
Frequency
f
5)
10000 Hz
B = 5 mT
2
Resistivity against
mechanical stress
(piezo)
6)
B
m
B
Hy
– 0.1
– 0.1
0.1
0.1
mT
mT
F = 2 N
2


Similar Part No. - TLE4923

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4923 INFINEON-TLE4923 Datasheet
127Kb / 18P
   Dynamic Differential Hall Effect Sensor IC
2000-07-01
TLE4923 INFINEON-TLE4923 Datasheet
616Kb / 24P
   Dynamic Differential Hall Effect Sensor IC
V 1.0, April 2005
TLE4923 INFINEON-TLE4923_05 Datasheet
616Kb / 24P
   Dynamic Differential Hall Effect Sensor IC
V 1.0, April 2005
More results

Similar Description - TLE4923

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4923 INFINEON-TLE4923_05 Datasheet
616Kb / 24P
   Dynamic Differential Hall Effect Sensor IC
V 1.0, April 2005
TLE4923 INFINEON-TLE4923 Datasheet
127Kb / 18P
   Dynamic Differential Hall Effect Sensor IC
2000-07-01
TLE4921-3U INFINEON-TLE4921-3U Datasheet
138Kb / 19P
   Dynamic Differential Hall Effect Sensor IC
2000-07-01
TLE4921-5U INFINEON-TLE4921-5U Datasheet
568Kb / 24P
   Dynamic Differential Hall Effect Sensor IC
2002-08-02
TLE4921-5U INFINEON-TLE4921-5U_08 Datasheet
875Kb / 26P
   Dynamic Differential Hall Effect Sensor IC
V 1.1, January 2008
TLE4924C-2E6547 INFINEON-TLE4924C-2E6547 Datasheet
150Kb / 7P
   Dynamic Differential Hall Effect Sensor
November 2009 Version 1.0
TLE4927C INFINEON-TLE4927C Datasheet
163Kb / 5P
   Dynamic Differential Hall Effect Sensor
Version 1.1
TLE4924C-1E6547 INFINEON-TLE4924C-1E6547 Datasheet
89Kb / 6P
   Dynamic Differential Hall Effect Sensor
November 2009 Version 1.0
logo
Melexis Microelectronic...
MLX90254 MELEXIS-MLX90254_12 Datasheet
215Kb / 10P
   Differential Dynamic Hall Effect Sensor
logo
Infineon Technologies A...
TLE4926C-HTNE6747 INFINEON-TLE4926C-HTNE6747 Datasheet
613Kb / 27P
   Dynamic Differential Hall Effect Sensor
April 2007 Version 3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com