Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPKTM1CR-312 Datasheet(PDF) 5 Page - Tyco Electronics

Part # HPKTM1CR-312
Description  RFID (Radio Frequency Identification)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HPKTM1CR-312 Datasheet(HTML) 5 Page - Tyco Electronics

  HPKTM1CR-312 Datasheet HTML 1Page - Tyco Electronics HPKTM1CR-312 Datasheet HTML 2Page - Tyco Electronics HPKTM1CR-312 Datasheet HTML 3Page - Tyco Electronics HPKTM1CR-312 Datasheet HTML 4Page - Tyco Electronics HPKTM1CR-312 Datasheet HTML 5Page - Tyco Electronics HPKTM1CR-312 Datasheet HTML 6Page - Tyco Electronics HPKTM1CR-312 Datasheet HTML 7Page - Tyco Electronics HPKTM1CR-312 Datasheet HTML 8Page - Tyco Electronics HPKTM1CR-312 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
168
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Permark
® 316
Permark®
Available sizes and formats
Ordering
Product
Size (L x H)
Printable area (L x H)
description
description
mm
inches
mm
inches
PM09512-Blank
Blank 316 S/S marker
95 x 12
3.74 x 0.47
55 x 10
2.16 x 0.40
*
PM09512-E Data
Pre-marked 316 S/S marker
95 x 12
3.74 x 0.47
55 x 10
2.16 x 0.40
** PM09512-Hard Data
Pre-marked 316 S/S marker
95 x 12
3.74 x 0.47
55 x 10
2.16 x 0.40
*
Data supplied electronically
**
Data supplied in hard copy
Options
Fonts
Various available
Lines per marker
One, two or three (Determined by selected font height. Minimum 1 mm / 0.04
" spacing between lines.)
Saddle fixings
13 mm L x 2.4 mm H
(0.51" L x 0.09" H)
Hole fixings
7 mm
(0.28")
Standard colors
Metallic
Font heights
Characters per line
Standard Condensed
2.5 mm
(0.10")
30
N/A
3.0 mm
(0.12")
25
N/A
4.0 mm
(0.16")
20
30
5.0 mm
(0.20")
15
25
6.0 mm
(0.24")
15
25
8.0 mm
(0.31")
10
20
10.0 mm
(0.40")
10
15
Available sizes and formats
Ordering
Product
Size (L x H)
Printable area (L x H)
description
description
mm
inches
mm
inches
PM07507- Blank
Blank 316 S/S marker
75 x 7
2.95 x 0.28
50 x 5
1.6 x 0.20
PM07507- E Data
Pre-marked 316 S/S marker
75 x 7
2.95 x 0.28
50 x 5
1.6 x 0.20
PM07507- Hard Data
Pre-marked 316 S/S marker
75 x 7
2.95 x 0.28
50 x 5
1.6 x 0.20
*
Data supplied electronically
**
Data supplied in hard copy
Options
Fonts
Various available
Lines per marker
One only
Saddle fixings
9.5 mm L x 2.4 mm H
(0.37" L x 0.09" H)
Hole fixings
None
Standard colors
Metallic
Font heights
Characters per line
Standard Condensed
4.0 mm
(0.16")
15
25
5.0 mm
(0.20")
10
20
Permark 316 Stainless Steel Cable Ties
All Weather Cable Ties
Package Quantity
Product Order Code
4.6 x 200 mm (
0.18” x 7.9”)
100
SST71-316
4.6 x 360 mm (
0.18” x 14.3”)
100
SST71-316


Similar Part No. - HPKTM1CR-312

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HPK02WE1050 MACOM-HPK02WE1050 Datasheet
5Mb / 85P
   tyco electronics contents
HPK04WE1050 MACOM-HPK04WE1050 Datasheet
5Mb / 85P
   tyco electronics contents
HPK06WE1050 MACOM-HPK06WE1050 Datasheet
5Mb / 85P
   tyco electronics contents
HPK08WE1050 MACOM-HPK08WE1050 Datasheet
5Mb / 85P
   tyco electronics contents
HPK10WE1050 MACOM-HPK10WE1050 Datasheet
5Mb / 85P
   tyco electronics contents
More results

Similar Description - HPKTM1CR-312

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
E5530 TEMIC-E5530 Datasheet
72Kb / 5P
   128-Bit IDIC for Radio Frequency Identification
logo
EM Microelectronic - MA...
EM4223 EMMICRO-EM4223 Datasheet
426Kb / 29P
   Read-only UHF Radio Frequency Identification Device
logo
Texas Instruments
TRF7960 TI-TRF7960 Datasheet
354Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7960 TI-TRF7960_07 Datasheet
278Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
logo
List of Unclassifed Man...
EM4223 ETC1-EM4223 Datasheet
84Kb / 1P
   Read-only UHF Radio Frequency Identification Device according to ISO IEC 18000-6
logo
Microsemi Corporation
1N276 MICROSEMI-1N276 Datasheet
63Kb / 1P
   Optimized for Radio Frequency Response
1N277 MICROSEMI-1N277 Datasheet
63Kb / 1P
   Optimized for Radio Frequency Response
logo
ATMEL Corporation
U4256BM ATMEL-U4256BM Datasheet
167Kb / 14P
   Frequency Synthesizer for Radio Tuning
logo
NXP Semiconductors
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
logo
TEMIC Semiconductors
U4256BM TEMIC-U4256BM Datasheet
322Kb / 14P
   Frequency Synthesizer for Radio Tuning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com