Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4279A Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # TLE4279A
Description  5-V Low-Drop Fixed Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4279A Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button TLE4279A Datasheet HTML 5Page - Siemens Semiconductor Group TLE4279A Datasheet HTML 6Page - Siemens Semiconductor Group TLE4279A Datasheet HTML 7Page - Siemens Semiconductor Group TLE4279A Datasheet HTML 8Page - Siemens Semiconductor Group TLE4279A Datasheet HTML 9Page - Siemens Semiconductor Group TLE4279A Datasheet HTML 10Page - Siemens Semiconductor Group TLE4279A Datasheet HTML 11Page - Siemens Semiconductor Group TLE4279A Datasheet HTML 12Page - Siemens Semiconductor Group TLE4279A Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TLE 4279
Semiconductor Group
9
1998-11-01
Characteristics
V
I =13.5 V; Tj = 40 °C< Tj < 125 °C
Parameter
Symbol
Limit Values
Unit
Measuring
Condition
min.
typ.
max.
Output voltage
V
Q
4.90
5.00
5.10
V
1 mA
I
Q ≤ 100 mA
6V
V
I ≤ 16 V
Current limit
I
Q
150
200
500
mA
Current consumption;
I
q = II IQ
I
q
150
300
µA
I
Q ≤ 1mA, Tj <85 °C
Current consumption;
I
q = II IQ
I
q
250
700
µA
I
Q =10 mA
Current consumption;
I
q = II IQ
I
q
–2
8
mA
I
Q =50 mA
Drop voltage
V
dr
0.25
0.5
V
I
Q =100 mA
1)
Load regulation
V
Q
–10
30
mV
I
Q = 5 mA to 100 mA
Line regulation
V
Q
–10
40
mV
V
I = 6 V to 26 V
I
Q =1 mA
Reset Generator
Switching threshold
V
rt
4.50
4.60
4.80
V
Reset low voltage
V
R
–0.1
0.4
V
R
extern = 20 kΩ
Delay switching
threshold
V
dt
1.4
1.8
2.2
V
Switching threshold
V
st
0.3
0.45
0.60
V
Reset delay low voltage
V
D
––
0.1
V
V
Q < VRT
Charge current
I
d
3.0
6.5
9.5
µA
V
D =1 V
1) Drop voltage = V
I VQ (measured when the output voltage has dropped 100 mV from the
nominal value obtained at 13.5 V input.)


Similar Part No. - TLE4279A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4279 INFINEON-TLE4279 Datasheet
267Kb / 18P
   5-V Low Drop Fixed Voltage Regulator
Rev. 2.4, 2007-03-20
TLE42794 INFINEON-TLE42794 Datasheet
548Kb / 28P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42794E INFINEON-TLE42794E Datasheet
548Kb / 28P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42794E INFINEON-TLE42794E Datasheet
1Mb / 32P
   Very low Current Consumption
TLE42794G INFINEON-TLE42794G Datasheet
548Kb / 28P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
More results

Similar Description - TLE4279A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com