Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4263 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # TLE4263
Description  5-V Low-Drop Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4263 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button TLE4263 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4263 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TLE 4263
Semiconductor Group
6
1998-11-01
Temperature
Junction temperature
Storage temperature
T
j
T
stg
–50
150
150
°C
°C
Operating Range
Input voltage
V
I
–45
V
Junction temperature
T
j
– 40
150
°C–
Thermal resistance
junction-ambient
junction-case
R
th JA
R
th JC
70
25
K/W
K/W
soldered
Absolute Maximum Ratings (cont’d)
T
j = – 40 to 150 °C
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.


Similar Part No. - TLE4263

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4263 INFINEON-TLE4263 Datasheet
189Kb / 19P
   5-V Low-Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4263 INFINEON-TLE4263 Datasheet
425Kb / 19P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4263 INFINEON-TLE4263 Datasheet
233Kb / 19P
   5-V Low Drop Voltage Regulator
Rev. 2.9, 2013-11-25
TLE4263-2ES INFINEON-TLE4263-2ES Datasheet
486Kb / 22P
   5-V Low Dropout Voltage Regulator
Rev. 1.0, April 2008
TLE4263-2GM INFINEON-TLE4263-2GM Datasheet
788Kb / 20P
   OPTIREG™ linear TLE4263-2GM 5 V low drop voltage regulator
Rev. 1.0 2023-07-11
More results

Similar Description - TLE4263

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
   5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
   5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
   5 V low drop voltage regulator
Rev. 1.0 2023-07-11
logo
IK Semicon Co., Ltd
ILE4260-2 IKSEMICON-ILE4260-2 Datasheet
269Kb / 9P
   5-V Low-Drop Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com