Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMS-V-19.2 Datasheet(PDF) 4 Page - Tyco Electronics

Part # SMS-V-19.2
Description  T107M Handheld Printer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMS-V-19.2 Datasheet(HTML) 4 Page - Tyco Electronics

  SMS-V-19.2 Datasheet HTML 1Page - Tyco Electronics SMS-V-19.2 Datasheet HTML 2Page - Tyco Electronics SMS-V-19.2 Datasheet HTML 3Page - Tyco Electronics SMS-V-19.2 Datasheet HTML 4Page - Tyco Electronics SMS-V-19.2 Datasheet HTML 5Page - Tyco Electronics SMS-V-19.2 Datasheet HTML 6Page - Tyco Electronics SMS-V-19.2 Datasheet HTML 7Page - Tyco Electronics SMS-V-19.2 Datasheet HTML 8Page - Tyco Electronics SMS-V-19.2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
137
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
T200 Series portable thermal transfer printers
Printers
The T200 series of printers are portable/desktop thermal transfer
printers with a 4.1" print head offering an economical option for
low volume customers who want to take advantage of thermal
transfer printing technology. Their small, light weight design
makes them ideal for applications requiring portability or in
environments with multiple workstations where space is limited.
The T208M has a 200 dpi printhead; the T212M has a 300 dpi
printhead for crisp, high quality text, barcodes and graphic images.
Both printers are designed for use with Tyco Electronics range of
TMS heat shrinkable wire marker sleeves and limited thermal
transfer printable pressure sensitive label products.
T200 series printers are available with optional label spindle
accessory. It externally holds a roll of labels on 3" core for easy
dispensing.
Printer Specifications
Tyco Electronics
T208M-TTDS-011
T212M-TTDS-064
Print head width
104mm (4.09")
Print head resolution
T208M: 8dpmm (203 dpi)
T212M: 12dpmm (305 dpi)
Print speed (maximum)
51mm/sec (2 inch/sec)
Media sensor
Transmissive (fixed)
Reflective (fixed
Memory
T208M: 256KB SRAM and 512KB Flash
T212M: 512KB SRAM and 1MB Flash
Communication interface
Parallel (Centronics), serial (RS232),
and USB
Printer dimensions
200mm W x 247mm D x 171mm H
(7.9" W x 9.75" D x 6.75" H)
Printer weight
1.81 kg (4 lbs)
Shipping weight
4 kg (9 lbs)
Media Specifications
Maximum print width
104mm (4.09")
Maximum media width
118mm (4.65")
Minimum media width
28mm (1.12")
Maximum media roll diameter
127mm (5.0")
Media core diameter
25mm (1.0")
Ribbon wind
Ink side out
Product Order Code
Description
T208M-PRINTER
T208M thermal printer - standard
T208M-C-PRINTER
T208M thermal printer - cutter option
T212M-PRINTER
T212M thermal printer - standard
T212M-C-PRINTER
T212M thermal printer - cutter option
T200-LABEL-SPINDLE
External label roll holder for T200 printers
Only the T212M printer is recommended when printing size 3/32 (2.4mm) marker
sleeves.


Similar Part No. - SMS-V-19.2

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SMS-001-GT ADAM-TECH-SMS-001-GT Datasheet
57Kb / 1P
   PIN RECEPTACLES
logo
Projects Unlimited, Inc...
SMS-1308MS-2-R PUI-SMS-1308MS-2-R Datasheet
215Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
PUI audio inc.
SMS-1308MS-2-R PUIAUDIO-SMS-1308MS-2-R Datasheet
335Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
SMS-1308MS-R PUI-SMS-1308MS-R Datasheet
76Kb / 1P
   SPEAKER
SMS-1508-2-R PUI-SMS-1508-2-R Datasheet
186Kb / 1P
   Surface Mount Speaker
More results

Similar Description - SMS-V-19.2

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LD78E6HG-Q SENSORTECHNICS-LD78E6HG-Q Datasheet
940Kb / 4P
   Laser Printer
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
logo
Holtek Semiconductor In...
HT6750A HOLTEK-HT6750A Datasheet
126Kb / 8P
   Date Printer
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
logo
Pepperl+Fuchs Inc.
IC-HH51 PF-IC-HH51 Datasheet
901Kb / 2P
   Handheld
2022-05-19
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
   Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
   Printer Driver?
logo
Toshiba Semiconductor
TLP1217 TOSHIBA-TLP1217 Datasheet
330Kb / 7P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER, ELECTRONIC TYPEWRITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com