Electronic Components Datasheet Search |
|
SMS-PPNA--6-9 Datasheet(PDF) 7 Page - Tyco Electronics |
|
SMS-PPNA--6-9 Datasheet(HTML) 7 Page - Tyco Electronics |
7 / 30 page 140 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 T612M–DS Double sided thermal transfer printer Printers Specifically designed by Tyco Electronics, the T612M-DS printer answers a common need in heat-shrinkable wire and cable identification markers: single-pass printing onto both the front and back side of the markers simultaneously. Specifically developed and modified by Tyco Electronics for this application, the T612M- DS is a high duty cycle, industrially robust thermal transfer printer. It will print onto the complete range of TMS System Six heat- shrinkable markers in all sizes from 3 /32" (2.4 mm) to 2 1 /4" (57.2 mm). The data printed onto the two sides of each marker can be identical or different, same side up or flipped. Printer specifications Tyco Electronics T612M-TTDS-098 Print head width 128 mm (5.04") Print head resolution 12 dpmm (304 dpi) Print speed (maximum) 50 to128 mm per second (2 [recommended] to 5 inches per second) Media sensor Transmissive and gap Memory 12MB DRAM and 1 MB flash Communication interface Parallel (centronics) and serial (RS232/422) Printer dimensions 559 mm W x 432 mm D x 508 mm H (22 " W x 17" D x 20" H) Printer weight 38 kg (84 lbs) Shipping weight 51 kg (112 ibs) Media specifications Maximum print width 112mm (4.4 ") Maximum media width 117 mm (4.625 ") Maximum media roll diameter 254 mm (10.0 ") Media core diameter 26 mm (3.0 ") Ribbon wind Ink side out Product order code Description T612M-DS-PRINTER Tyco Electronics T612M-DS thermal printer – standard |
Similar Part No. - SMS-PPNA--6-9 |
|
Similar Description - SMS-PPNA--6-9 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |