Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMS6000-130 Datasheet(PDF) 11 Page - Tyco Electronics

Part # LMS6000-130
Description  T107M Handheld Printer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LMS6000-130 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button LMS6000-130 Datasheet HTML 7Page - Tyco Electronics LMS6000-130 Datasheet HTML 8Page - Tyco Electronics LMS6000-130 Datasheet HTML 9Page - Tyco Electronics LMS6000-130 Datasheet HTML 10Page - Tyco Electronics LMS6000-130 Datasheet HTML 11Page - Tyco Electronics LMS6000-130 Datasheet HTML 12Page - Tyco Electronics LMS6000-130 Datasheet HTML 13Page - Tyco Electronics LMS6000-130 Datasheet HTML 14Page - Tyco Electronics LMS6000-130 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
144
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
BSC-100 Barcode scanners
Accessories
Tyco Electronics BSC-100 barcode scanners are cost effective, full
featured, and fast barcode readers. These combine high image
transfer speed with exceptional image quality. Their omni-
directional reading capability allows fast and easy reading of EAN-
UCC composite codes, 2-dimensional (PDF417, datamatrix) and
Postal codes. It comes with USB connection ready to "point and
shoot" at a complicated looking 2-dimensional barcode or a simple
linear code. It can be used in a wide range of commercial and
industrial applications within government/postal, military,
healthcare, logistics, manufacturing and retail sectors.
General specifications
Symbologies
2 Dimensional:
PDF417, MicroPDF417, MaxiCode,
DataMatrix, QR Code, Aztec, Aztec Mesas,
Code 49 and EAN-UCC composite
Linear:
Codabar, Code 39, Interleaved 2 of 5,
Code 93, Code 128, UPC, EAN, RSS, and
Codablock
Postal:
Postnet, Planet Code, British Post,
Canadian Post, Japanese Post, KIX
OCR fonts:
OCR-A, OCR-B
Power Requirements
4.5 - 12 VDC - powered through USB port
Physical Dimensions
81mm W x 135mm L x 157mm H
(3.2" W x 5.3" L x 6.2" H)
Weight
184.3g (6.5 oz)
Product order code
Description
BSC-100
Barcode scanner - standard


Similar Part No. - LMS6000-130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMS6002D ETC2-LMS6002D Datasheet
551Kb / 15P
   Multi-band Multi-standard Transceiver with Integrated Dual DACs and ADCs
More results

Similar Description - LMS6000-130

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LD78E6HG-Q SENSORTECHNICS-LD78E6HG-Q Datasheet
940Kb / 4P
   Laser Printer
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
logo
Holtek Semiconductor In...
HT6750A HOLTEK-HT6750A Datasheet
126Kb / 8P
   Date Printer
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
logo
Pepperl+Fuchs Inc.
IC-HH51 PF-IC-HH51 Datasheet
901Kb / 2P
   Handheld
2022-05-19
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
   Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
   Printer Driver?
logo
Toshiba Semiconductor
TLP1217 TOSHIBA-TLP1217 Datasheet
330Kb / 7P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER, ELECTRONIC TYPEWRITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com