Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4216G Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # TLE4216G
Description  Intelligent Sixfold Low-Side Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4216G Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button TLE4216G Datasheet HTML 4Page - Siemens Semiconductor Group TLE4216G Datasheet HTML 5Page - Siemens Semiconductor Group TLE4216G Datasheet HTML 6Page - Siemens Semiconductor Group TLE4216G Datasheet HTML 7Page - Siemens Semiconductor Group TLE4216G Datasheet HTML 8Page - Siemens Semiconductor Group TLE4216G Datasheet HTML 9Page - Siemens Semiconductor Group TLE4216G Datasheet HTML 10Page - Siemens Semiconductor Group TLE4216G Datasheet HTML 11Page - Siemens Semiconductor Group TLE4216G Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TLE 4216 G
Semiconductor Group
8
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Supply voltage
V
S
5.2
30
V
V
REF VS, functioning
is guaranteed at
V
S = 4 – 5.2 V but
status output cannot
be evaluated.
Supply voltage in
load circuit
V
Q1-6
– 0.3
24
V
Ambient temperature
T
A
– 40
110
°C
Supply voltage for load
short-circuit
V
S
16
V
Input current (high)
I
IH
100
µA
Thermal resistance
Junction-ambient
R
th JA
65
K/W
P-DSO-24-3


Similar Part No. - TLE4216G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4211 SIEMENS-TLE4211 Datasheet
373Kb / 13P
   Intelligent Double Low-Side Switch 2 x 2 A
TLE4214G SIEMENS-TLE4214G Datasheet
371Kb / 16P
   Intelligent Double Low-Side Switch 2 x 0.5 A
More results

Similar Description - TLE4216G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4226G INFINEON-TLE4226G Datasheet
528Kb / 16P
   Intelligent Sixfold Low-Side Switch
2002-10-21
logo
Siemens Semiconductor G...
TLE4226G SIEMENS-TLE4226G Datasheet
269Kb / 15P
   Intelligent Sixfold Low-Side Switch
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1011 IRF-IPS1011 Datasheet
196Kb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1021S IRF-AUIPS1021S Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com