Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A101188 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # A101188
Description  SOLDERSLEEVE WIRE SPLICE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

A101188 Datasheet(HTML) 1 Page - PANDUIT CORP.

  A101188 Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION CONTROL DRAWING
TE Connectivity
300 Constitution Drive,
Menlo Park, CA. 94025, U.S.A.
Raychem
TITLE:
SOLDERSLEEVE WIRE SPLICE
Unless otherwise specified dimensions are in millimeters.
[Inches dimensions are shown in brackets]
DOCUMENT NO.:
D - 1 7 4 4 - 0 1 / - 0 2 / - 0 3 / - 0 4
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend
this drawing at any time. Users should evaluate
the suitability of the product for their
application.
PROD. REV.:
SEE TABLE
DOC. ISSUE:
6
DATE:
15-Apr-11
PREPARED BY:
mforonda
DCR NUMBER:
D040063
REPLACES:
D030265
CAGE CODE :
06090
SCALE:
---
SIZE:
A
SHEET:
1 of 1
Print Date: 9-May-11
© 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company. All Rights Reserved.
If this document is printed it becomes uncontrolled. Check for the latest revision.
Product Revision
Product Dimensions
Wire Dimensions
øD
Product
Name
L
max
øA
min
øB
min
max
min
CMA
Range
D-1744-01
B
29.70
(1.170)
1.90
(0.075)
2.40
(0.095)
1.90
(0.075)
0.50
(0.020)
350 to 2000
D-1744-02
C
30.15
(1.187)
2.80
(0.110)
3.15
(0.125)
2.80
(0.110)
0.80
(0.030)
2000 to 4000
D-1744-03
B
29.60
(1.165)
4.60
(0.180)
5.10
(0.200)
4.57
(0.180)
1.30
(0.050)
4000 to 10000
D-1744-04
B
30.00
(1.180)
7.11
(0.280)
7.62
(0.300)
7.11
(0.280)
2.00
(0.080)
10000 to 13000
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked polyvinylidene fluoride.
2. SOLDER PREFORM WITH FLUX AND THERMAL INDICATOR:
SOLDER:
TYPE Sn63 per ANSI/J-STD-006.
FLUX:
TYPE ROL1 per ANSI/J-STD-004.
THERMAL INDICATOR: Violet
3. MELTABLE RINGS: Thermally stabilized thermoplastic. Color: gray.
APPLICATION
1. These parts are designed to provide an environment resistant in-line splice in wires having tin or silver-plated conductors and
insulation rated for at least 125C.
2. Temperature range: -55C to +150C.
3. Install using TE Connectivity/ Raychem-approved convection or infrared tools in accordance with
TE Connectivity/ Raychem installation procedure RPIP-850-00.
4. Assemblies will meet requirements of TE Connectivity
/ Raychem specification RT-1404 and National Aerospace Standard
NAS-1744.
For best results, prepare the wire(s) as shown:


Similar Part No. - A101188

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A101120006 ETC2-A101120006 Datasheet
72Kb / 3P
   Timers Delay on Operate
A101120060 ETC2-A101120060 Datasheet
72Kb / 3P
   Timers Delay on Operate
A101120600 ETC2-A101120600 Datasheet
72Kb / 3P
   Timers Delay on Operate
A10113-81 ETC2-A10113-81 Datasheet
225Kb / 2P
   Thermally Conductive Insulators
logo
Vishay Siliconix
A10115C0GL5 VISHAY-A10115C0GL5 Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
More results

Similar Description - A101188

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
011829-000 MACOM-011829-000 Datasheet
38Kb / 1P
   SOLDERSLEEVE* WIRE TO WIRE SPLICE, LOW TEMPERATURE
2-1194946-2 MACOM-2-1194946-2 Datasheet
137Kb / 1P
   SOLDERSLEEVE WIRE TERMINATOR
358733-000 MACOM-358733-000 Datasheet
117Kb / 4P
   SolderSleeve Discrete Wire Terminators
logo
MolexKits
76650-0049 MOLEXKITS-76650-0049 Datasheet
37Kb / 1P
   Self-Tapping Wire Splice, Tap-Splice, Pigtail Splice, Parallel Splice and In-Line Splice Connectors
logo
Tyco Electronics
CWT-9001 MACOM-CWT-9001 Datasheet
95Kb / 1P
   SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LOW TEMPERATURE
logo
List of Unclassifed Man...
321519 ETC1-321519 Datasheet
40Kb / 1P
   SPLICE, WIRE, CLOSED END
34304 ETC1-34304 Datasheet
36Kb / 1P
   SPLICE, WIRE, CLOSED END
logo
Tyco Electronics
35653 MACOM-35653 Datasheet
73Kb / 1P
   SPLICE, WIRE, CLOSED END
logo
TE Connectivity Ltd
CWT-900X TEC-CWT-900X Datasheet
47Kb / 1P
   SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LOW TEMPERATURE
logo
Tyco Electronics
34067 MACOM-34067 Datasheet
49Kb / 1P
   WIRE SPLICE PLASTI GRIP, BUTT, WIRE SIZE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com