Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4-1195133-6 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part No. 4-1195133-6
Description  SEALING SLEEVE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 1 page
background image
SPECIFICATION CONTROL DRAWING
TE Connectivity
300 Constitution Drive,
Menlo Park, CA. 94025, U.S.A.
Raychem
TITLE:
SEALING SLEEVE
Unless otherwise specified dimensions are in millimeters.
[Inches dimensions are shown in brackets]
DOCUMENT NO.:
D - 4 3 6 - 0 0 9 6 / - 0 0 9 8
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend
this drawing at any time. Users should evaluate
the suitability of the product for their
application.
PROD. REV.:
SEE TABLE
DOC. ISSUE:
4
DATE:
16-Apr-11
PREPARED BY:
mforonda
DCR NUMBER:
D050379
REPLACES:
D981035
CAGE CODE :
06090
SCALE:
---
SIZE:
A
SHEET:
1 of 1
Print Date: 9-May-11
© 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company. All Rights Reserved.
If this document is printed it becomes uncontrolled. Check for the latest revision.
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked modified polyvinylidene fluoride.
2. SEALING RINGS: Immersion resistant thermoplastic. Color: one clear, one color coded (see table).
APPLICATION
1. These parts are designed to provide an immersion resistant seal on 1 to 1 splices made of wires having an insulation rated for
at least +135C.
2. Temperature range: -55C to +150C.
3. Parts may be installed by convection heating.
Wire dimension:
Product Dimensions
Wire Dimensions
øD
Product
Name
Prod.
Rev.
L
max
E
min
øA
min
min
max
Color
D-436-0096
Q
29.2
(1.150)
24.15
(0.950)
2.16
(0.085)
0.63
(0.025)
2.16
(0.085)
Red
D-436-0097
S
29.2
(1.150)
24.15
(0.950)
2.80
(0.110)
0.63
(0.025)
2.80
(0.110)
Blue
D-436-0098
D
29.2
(1.150)
24.15
(0.950)
4.32
(0.170)
0.63
(0.025)
4.32
(0.170)
Yellow




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl