Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


8-1195133-1 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part No. 8-1195133-1
Description  STUB SPLICE SEALING SYSTEM, NICKEL PLATED CRIMP
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 1 page
background image
SPECIFICATION CONTROL DRAWING
Tyco Electronics Corporation
305 Constitution Drive
Menlo Park, CA 94025, USA
Raychem
Products
TITLE :
STUB SPLICE SEALING SYSTEM,
NICKEL PLATED CRIMP
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
D-436-0119
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
Tyco Electronics reserves the right to amend this
drawing at any time. Users should evaluate the
suitability of the product for their application.
DATE:
14-Nov.-00
DOC ISSUE:
1
DRAWN BY:
M. FORONDA
REPLACES:
N/A
DCR NUMBER:
D001277
PROD. REV.
B
SCALE:
None
SIZE:
A
SHEET:
1 of 1
If this document is printed it becomes uncontrolled. Check for the latest revision.
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked modified polyvinylidene
fluoride.
2. MELTABLE INSERTS: Low-outgassing thermoplastic, color-natural.
3. SEAMLESS STUB SPLICE: Base Metal: Copper Alloy 101 or 102 per ASTM B-75.
Plating: Nickel plated per QQ-N-290. Color code: red stripes.
CMA Range: 300 to 1510 circular mils.
APPLICATION
1. This system is designed to provide an environmentally resistant splice in wires rated for at least 125
°C. Splices may be
either two wire stub splices or 1 to 1 or 2 to 1 parallel splices. If two wires exit from one end, they must have a combined
outer diameter of less than 2.03 (0.080).
2. Parts when installed as detailed on Raychem specification Control Drawing D-436-75/-76 shall meet performance
requirements of MIL-S-81824.
3. Acceptance testing shall be in accordance with Paragraph 4.6 of MIL-S-81824.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl