Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


7-1195130-1 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part No. 7-1195130-1
Description  IN-LINE SPLICE SEALING SYSTEM, 2 or 3 to 1 SPLICE: TIN PLATED, COLOR CODED with Inspection Slots
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 2 page
background image
SPECIFICATION CONTROL DRAWING
Tyco Electronics Corporation
305 Constitution Drive
Menlo Park, CA 94025, USA
Raychem
Products
TITLE :
IN-LINE SPLICE SEALING SYSTEM,
2 or 3 to 1 SPLICE: TIN PLATED,
COLOR CODED with Inspection Slots
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
D-436-0110
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
Tyco Electronics reserves the right to amend this
drawing at any time. Users should evaluate the
suitability of the product for their application.
DATE:
14-Nov.-00
DOC ISSUE:
1
DRAWN BY:
M. FORONDA
REPLACES:
N/A
DCR NUMBER:
D001273
PROD. REV.
A
SCALE:
None
SIZE:
A
SHEET:
2 of 2
If this document is printed it becomes uncontrolled. Check for the latest revision.
DEVICES ASSEMBLY PROCEDURE
1.0
SCOPE
This document oulines the procedure to be followed to obtain immersion resistant 3 or 2 to 1 in-line splices
using Devices In-line Splice Sealing System D-436-0110
.
2.0
PROCEDURE
a. Strip all wires 6.35 to 7.92 (0.250 to 0.312).
b. Attach the single lead to the appropriate size crimp splicer using a Raychem AD-1377 crimp tool.
c. Pass the wires to be attached to the other barrel through the sealing sleeve from the three-hole insert end.
d. Insert wires into barrel and crimp. Care must be taken so that wires remain untwisted between the crimp
splicer and the three wire seal or the sealing sleeve cannot be positioned properly.
e. Apply heat, first to the three-hole insert and then to the other. Heat should be applied until insert melts
and flows axially along the wire.




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl