Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


D-436-61 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part No. D-436-61
Description  STUB SPLICE SEALING SYSTEM MULTI-WIRE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 1 page
background image
SPECIFICATION CONTROL DRAWING
Tyco Electronics Corporation
305 Constitution Drive
Menlo Park, CA 94025, USA
Raychem
Products
TITLE :
STUB SPLICE SEALING SYSTEM
MULTI-WIRE
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO
.: D-436-60/-61
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
Tyco Electronics reserves the right to amend this
drawing at any time. Users should evaluate the
suitability of the product for their application.
DATE:
05-Dec.-00
DOC ISSUE:
1
DRAWN BY:
M. FORONDA
REPLACES:
N/A
DCR NUMBER:
D001301
PROD. REV.
SEE TABLE
SCALE:
None
SIZE:
A
SHEET:
1 of 1
If this document is printed it becomes uncontrolled. Check for the latest revision.
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked modified polyvinylidene flouride.
2. MELTABLE SEALING RINGS: Modified thermoplastic.
3. SEAMLESS STUB SPLICER: Base Metal: Copper Alloy 101 or 102 per ASTM B-75.
Plating: Tin per MIL-T-10727, Type 1.
Color code: See table below.
Dimensions of Stub Splicer:
Part
Prod.
CMA
Weight
Color
Name
Rev.
Range
I.D.
O.D.
Max.
Code
D-436-60
A
779 - 2680
1.75 (0.069)
1.63 (0.064)
2.68 (0.106)
2.64 (0.101)
1.65 lbs/Mpc
Blue
D-436-61
A
1900 - 6755
2.60 (0.102)
2.46 (0.097)
3.89 (0.153)
3.73 (0.147)
2.15 lbs/Mpc
Yellow
APPLICATION
1. These parts are designed to provide an immersion resistant stub splice in wires having insulations rated for at least 135
°C.
Wire accommodation: Jacket O.D. – 2.03 (0.080) max
WIRE GAUGE
CMA
NUMBER
D-436-60
D-436-61
16
2426
---
2
18
1900
---
2 - 3
20
1216
2
2 - 5
22
754
2 - 3
3 - 8
24
475
2 - 5
4 - 10
26
304
3 - 8
9 - 10
2. Parts will meet performance requirements of MIL-S-81824/1.
3. Recovered dimensions of Insulation Sleeve: I.D –
3.18 (0.125) max
Wall – 0.33 (0.013) min




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl