Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


D-436-59 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part No. D-436-59
Description  STUB SPLICE SEALING SYSTEM
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 1 page
background image
CUSTOMER DRAWING
300 Constitution Dr
Menlo Park, CA
94025, U.S.A.
TITLE:
STUB SPLICE
SEALING SYSTEM
Unless otherwise specified dimensions are in millimeters.
[Inches dimensions are shown in brackets]
Raychem
Devices
DOCUMENT NO.:
D-436-58/-59
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS
IN MICRON
Tyco Electronics reserves the right to amend
this drawing at any time. Users should
evaluate the suitability of the product for
their application.
REV:
J
DATE:
November 3, 2010
REVISED BY:
UNGUYEN
CAGE CODE:
06090
ECO NUMBER:
ECO-10-022537
SCALE:
NTS
SIZE:
A
SHEET:
1 of 1
© 2004-2009 Tyco Electronics Corporation. All rights reserved.
If this document is printed it becomes uncontrolled. Check for the latest revision.
Dimensions Of Sub Splicer
I.D.
O.D.
Product Name
Color
Code
Max.
Weight
CMA
Range
min
max
min
max
D-436-58
Blue
1.4 lbs/Mpcs
779-
1.63
1.75
2.57
2.69
2680
(0.064)
(0.069)
(0.101)
(0.106)
D-436-59
Yellow
1.8 lbs/Mpcs
1900-
2.46
2.59
3.73
3.89
6755
(0.097)
(0.102)
(0.147)
(0.153)
MATERIAL
1. INSULATION SLEEVE: Heat-shrinkable, radiation cross-linked modified polyvinylidene fluoride. Transparent blue.
2. MELTABLE SEALING INSERT: Modified, immersion resistant thermoplastic. Color: natural.
3. MELTABLE SEALING INSERT: Modified, immersion resistant thermoplastic. Color: natural.
4. SEAMLESS STUB SPLICER:
BASE METAL: Copper alloy 101 or 102 per WW-T-775.
PLATING:
Tin per MIL-T-10727, Type 1.
APPLICATION
1. These parts are designed to provide an immersion resistant 2 wire stub splice, or a 2 to 1 parallel splice, made with having
insulations rated for 135 C minimum.
2. Recovered dimensions of insulation sleeve (Item1):
I.D.: .095 (2.4130) Max.
Wall: .013 (0.3302) Min.
3. For installation procedures refer to Tyco Electronics/Raychem’s “Miniseal D-436 Series Sealed Crimp Splice Products Installation
Guidelines.”




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl