Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D-300-12-ND Datasheet(PDF) 7 Page - PANDUIT CORP.

Part # D-300-12-ND
Description  CAP, SPLICE ENCAPSULATION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

D-300-12-ND Datasheet(HTML) 7 Page - PANDUIT CORP.

  D-300-12-ND Datasheet HTML 1Page - PANDUIT CORP. D-300-12-ND Datasheet HTML 2Page - PANDUIT CORP. D-300-12-ND Datasheet HTML 3Page - PANDUIT CORP. D-300-12-ND Datasheet HTML 4Page - PANDUIT CORP. D-300-12-ND Datasheet HTML 5Page - PANDUIT CORP. D-300-12-ND Datasheet HTML 6Page - PANDUIT CORP. D-300-12-ND Datasheet HTML 7Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CUSTOMER DRAWING
Tyco Electronics
305 Constitution Dr
Menlo Park, CA
94025, U.S.A.
TITLE:
CAP, SPLICE ENCAPSULATION
Unless otherwise specified dimensions are in millimeters.
[Inches dimensions are shown in brackets]
Raychem
Devices
DOCUMENT NO.:
D-300-08/-12/-18
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS
IN MICRON
Tyco Electronics reserves the right to
amend this drawing at any time. Users
should evaluate the suitability of the
product for their application.
REV:
B
DATE:
31-July-08
DRAWN BY:
M. FORONDA
CAGE CODE:
06090
REPLACES:
D010044
ECO NUMBER:
08-018889
SCALE:
NTS
SIZE:
A
SHEET:
7 of 7
© 2008 Tyco Electronics Corporation. All rights reserved
If this document is printed it becomes uncontrolled. Check for the latest revision.
Thermofit Assembly Procedure
1.
Strip the wires and install crimp type connector or solder wires together. Connector should be installed so that
1/6
± 1/32 of conductor is exposed between the connector and the wire insulation, as shown in Figure 1.
2.
Choose the proper size cap from the chart below. Place splice into cap so that the connector bottoms on the
rounded end of the cap.
3.
Heat the assembly, using a Thermogun, Model 500A, or equivalent, equipped with a TG-12 or TG-13A
reflector.
4.
The average length of time required for proper heating is given in the chart. However, since the heat sink effect
of various wire bundles may vary considerably, several trial specimens should be crossed-sectioned as shown in
Figure 2 before proceeding with production installations. If the area between the wires is not completely filled,
a longer heating cycle should be established.
5.
With wire bundles of more than three wires, it is helpful to slightly deform the cap by pinching in the area
above the connection at the end of the heating cycle and then returning the cap to the heat for an additional
period to allow the cap to return to its cylindrical shape.
Chart 1
Part
Splicer Diameter
Time
Name
Minimum
Maximum
(sec.)
D-300-08
2.03 (0.080)
3.04 (0.120)
30
D-300-12
3.04 (0.120)
5.08 (0.200)
45
D-300-18
4.57 (0.180)
7.62 (0.300)
60
Figure 1
Figure 2


Similar Part No. - D-300-12-ND

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D-300-01 PANDUIT-D-300-01 Datasheet
131Kb / 7P
   CAP, SPLICE ENCAPSULATION
D-300-02 PANDUIT-D-300-02 Datasheet
131Kb / 7P
   CAP, SPLICE ENCAPSULATION
D-300-03 PANDUIT-D-300-03 Datasheet
131Kb / 7P
   CAP, SPLICE ENCAPSULATION
More results

Similar Description - D-300-12-ND

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D-300-01 PANDUIT-D-300-01 Datasheet
131Kb / 7P
   CAP, SPLICE ENCAPSULATION
logo
MolexKits
76650-0111 MOLEXKITS-76650-0111 Datasheet
38Kb / 2P
   SCPC Tap Splice Connector and Safety Cap
logo
Tyco Electronics
63130-2 MACOM-63130-2 Datasheet
56Kb / 1P
   SPLICE
logo
TE Connectivity Ltd
63625 TEC-63625 Datasheet
46Kb / 1P
   SPLICE
logo
MolexKits
76650-0049 MOLEXKITS-76650-0049 Datasheet
37Kb / 1P
   Self-Tapping Wire Splice, Tap-Splice, Pigtail Splice, Parallel Splice and In-Line Splice Connectors
logo
List of Unclassifed Man...
ATC900C ETC2-ATC900C Datasheet
182Kb / 6P
   Available with Encapsulation Option
SM2615FTR845 ETC2-SM2615FTR845 Datasheet
131Kb / 2P
   High temperature molded encapsulation
logo
Hitachi Semiconductor
DNA1002D HITACHI-DNA1002D Datasheet
50Kb / 1P
   HITACHI Encapsulation, DIP 16
logo
MPS Industries, Inc.
R7X1210M MPSIND-R7X1210M Datasheet
160Kb / 1P
   ENCAPSULATION MOLDED CHIP INDUCTOR
logo
Vishay Siliconix
WSRHP VISHAY-WSRHP Datasheet
103Kb / 4P
   Molded high temperature encapsulation
Revision: 21-Oct-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com