Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


D-436-53 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part No. D-436-53
Description  IN-LINE SPLICE SEALING SYSTEM, 2 OR 3 TO 1 SPLICE: Tin Plated, Color Coded, with Inspection Slots
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 1 page
background image
SPECIFICATION CONTROL DRAWING
TE Connectivity
305 Constitution Drive
Menlo Park, CA 94025, USA
Raychem
Products
TITLE :
IN-LINE SPLICE SEALING SYSTEM,
2 OR 3 TO 1 SPLICE: Tin Plated,
Color Coded, with Inspection Slots
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
D-436-52/-53
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend this
drawing at any time. Users should evaluate the
suitability of the product for their application.
DATE:
15-Apr-11
DOC ISSUE:
2
DRAWN BY:
M. FORONDA
REPLACES:
N/A
DCR NUMBER:
D001302
PROD. REV.
SEE TABLE
SCALE:
None
SIZE:
A
SHEET:
1 of 2
Print Date: 9-May-11 If this document is printed it becomes uncontrolled. Check for the latest revision.
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked modified polyvinylidene
flouride.
2. SINGLE-WIRE SEAL: Immersion resistant thermoplastic.
3. THREE-WIRE SEAL: Immersion resistant thermoplastic.
4. CRIMP SPLICE: Base metal: Copper Alloy 101 or 102 per ASTM B-75.
Plating: Tin per MIL-T-10727, Type 1.
Color code: See table below.
Dimensions of Crimp Splice :
Part
Prod.
Crimp Splice
Name
Rev.
Size
Ø
A
Ø
B
D
E
Color Code
D-436-52
C
16
2.69 (0.106)
2.56 (0.101)
1.75 (0.069)
1.63 (0.064)
14.86 (0.585)
14.35 (0.565)
7.11 (0.280)
6.60 (0.260)
Blue
D-436-53
C
12
3.91 (0.154)
3.73 (0.147)
2.59 (0.102)
2.46 (0.097)
14.86 (0.585)
14.35 (0.565)
7.11 (0.280)
6.60 (0.260)
Yellow
Installation Data:
Wire Size Range of Crimp Splice
Splicer
One Wire
Two wires
Three wires
Size
Minimum
Maximum
Minimum
Maximum
Minimum
Maximum
16
20
16
24
20
24
22
12
16
12
22
16
22
18




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl