Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


D-436-43 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part No. D-436-43
Description  IN-LINE SPLICE SEALING SYSTEM, MULTI-WIRE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 2 page
background image
SPECIFICATION CONTROL DRAWING
TE Connectivity
305 Constitution Drive
Menlo Park, CA 94025, USA
Raychem
Products
TITLE :
IN-LINE SPLICE SEALING
SYSTEM, MULTI-WIRE
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
D-436-42/-43
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend this
drawing at any time. Users should evaluate the
suitability of the product for their application.
DATE:
15-Apr-11
DOC ISSUE:
2
DRAWN BY:
M. FORONDA
REPLACES:
N/A
DCR NUMBER:
D001303
PROD. REV.
SEE TABLE
SCALE:
None
SIZE:
A
SHEET:
2 of 4
If this document is printed it becomes uncontrolled. Check for the latest revision.
The test assemblies for qualification testing shall be 3 to 3 in-line splices made in wire conforming
to MIL-W-81044/12 or MIL-W-16878/4. The assemblies shall be divided equally between the maximum
and minimum wire size as shown below:
Assembly
Minimum
Maximum
D-436-42
24
22
D-436-43
22
18
The qualification sample shall consists of 35 assemblies and 8 uninstalled sleeves.
1.1
Acceptance Testing:
Acceptance sampling shall be in accordance with ANSI/ASQC Z1.4, Inspection Level S-4. The
Acceptable Quality Level shall be 4.0 for all defects.
Acceptance tests shall consist of visual and dimensional examination.
2.0
QUALIFICATION TESTING:
.1
All sleeves shall be tested for compliance with Sheet 1 in regard to:
Property
Test Method
Material and Appearance
Visual Examination
Dimensions
MIL-I-23053, Paragraph 4.6.3
2.2
Test Group A: Ten assemblies shall pass the post conditioning tests after conditioning in the
sequence shown:
Post Conditioning
Requirement
Test Method
Insulation Resistance
5000 M @500V d-c
MIL-W-81044, Par. 4.7.5.2
Altitude Immersion
75,000 ft.
MIL-C-26500, Par. 4.7.21
Insulation Resistance
5000 M @500V d-c
MIL-W-81044, Par. 4.7.5.2
Dielectric Withstanding
2.5Kv (rms) for 1 min.
MIL-W-81044, Par. 4.7.5.1
Conditioning
Parameters
Test method
Altitude Immersion
75,000 ft.
MIL-C-26500, Par. 4.7.21
Immersion
Condition C
Method 104*
Temperature Cycling
-65C to 150C (5 cycles)
Method 102*
Moisture Resistance
Step 7b not required
Method 106*
Fluid Immersion
MIL-H-5606, MIL-L-7808
MIL-T-7928, Par. 4.8.8
Heat Aging
96 hours @200C
Method 108*
2.3
Test Group B: Ten Assemblies:
Test Sequence
Requirement
Test Method




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl