Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


D-436-42 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part No. D-436-42
Description  IN-LINE SPLICE SEALING SYSTEM, MULTI-WIRE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 1 page
background image
SPECIFICATION CONTROL DRAWING
TE Connectivity
305 Constitution Drive
Menlo Park, CA 94025, USA
Raychem
Products
TITLE :
IN-LINE SPLICE SEALING
SYSTEM, MULTI-WIRE
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
D-436-42/-43
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend this
drawing at any time. Users should evaluate the
suitability of the product for their application.
DATE:
15-Apr-11
DOC ISSUE:
2
DRAWN BY:
M. FORONDA
REPLACES:
N/A
DCR NUMBER:
D001303
PROD. REV.
SEE TABLE
SCALE:
None
SIZE:
A
SHEET:
1 of 4
If this document is printed it becomes uncontrolled. Check for the latest revision.
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked modified polyvinylidene
flouride.
2. INTEGRAL MULTI-WIRE SEAL: Modified thermoplastic.
3. SEPARATE MULTI-WIRE SEAL: Modified thermoplastic.
4. CRIMP SPLICER: Base Metal: Copper Alloy 101 or 102 per ASTM B-75.
Plating: Tin per MIL-T-10727, Type 1.
Color Code: See table below.
Dimensions: Crimp Splice
Installation Data: Wire Size Range of Crimp Splicer
Part
Prod.
I.D.±0.05
O.D.±0.08
Color
Two Wires
Three Wires
Name
Rev.
(I.D.±0.002)
(O.D.±0.003)
Code
Minimum
Maximum
Minimum
Maximum
D-436-42
F
1.70 (0.067)
2.62 (0.103)
Blue
2 x 24
2 x 20
3 x 24
3 x 22
D-436-43
A
2.54 (0.100)
3.81 (0.150)
Yellow
2 x 22
2 x 16
3 x 22
3 x 18
APPLICATION
1. These parts are designed to provide an immersion resistant in-line splices of 2 or 3 to 2 or 3 wires falling within
the size range listed above, having insulations rated for at least 135C.
2. Parts are available only as an assembly of one of each Item #1 and Item #2.
3. Crimp splicer may be installed with Raychem AD-1377 crimp tool or equivalent.
4. Inside diameter and outside diameter of splice are to be measured in crimp area, 2.54 to 5.08 (0.100 to 0.200)
from ends of part. Slight burr permitted on parted surfaces.
5. Acceptance sampling shall be in accordance with paragraph 4.6.1 of MIL-T-7928.
6 . Packing and packaging shall be in accordance with Section 5, Level C, of MIL-T-7928.
7. This document takes precedence over documents referenced herein.
1.0
TEST ASSEMBLIES




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl