Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

610001N004 Datasheet(PDF) 6 Page - PANDUIT CORP.

Part # 610001N004
Description  CAP, SPLICE ENCAPSULATION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

610001N004 Datasheet(HTML) 6 Page - PANDUIT CORP.

  610001N004 Datasheet HTML 1Page - PANDUIT CORP. 610001N004 Datasheet HTML 2Page - PANDUIT CORP. 610001N004 Datasheet HTML 3Page - PANDUIT CORP. 610001N004 Datasheet HTML 4Page - PANDUIT CORP. 610001N004 Datasheet HTML 5Page - PANDUIT CORP. 610001N004 Datasheet HTML 6Page - PANDUIT CORP. 610001N004 Datasheet HTML 7Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CUSTOMER DRAWING
Tyco Electronics
305 Constitution Dr
Menlo Park, CA
94025, U.S.A.
TITLE:
CAP, SPLICE ENCAPSULATION
Unless otherwise specified dimensions are in millimeters.
[Inches dimensions are shown in brackets]
Raychem
Devices
DOCUMENT NO.:
D-300-08/-12/-18
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS
IN MICRON
Tyco Electronics reserves the right to
amend this drawing at any time. Users
should evaluate the suitability of the
product for their application.
REV:
B
DATE:
31-July-08
DRAWN BY:
M. FORONDA
CAGE CODE:
06090
REPLACES:
D010044
ECO NUMBER:
08-018889
SCALE:
NTS
SIZE:
A
SHEET:
6 of 7
© 2008 Tyco Electronics Corporation. All rights reserved
If this document is printed it becomes uncontrolled. Check for the latest revision.
TABLE 2
REQUIREMENTS FOR FINISHED CAP
Test Group A – Five Caps
Property
Unit
Requirement
Method of Test
Dimensions
Dimension Recovery
Inches
Inches
Sheet 1
Sheet 1
ASTM D 876
Section 4.4.2
Test Group B – Fifteen Specimens
Property
Unit
Requirement
Method of Test
Insulation Resistance
Temperature Cycling
Followed by test for:
Insulation Resistance
Dielectric Withstanding Voltage
Megaohms
Megaohms
Volts
5000 minimum
5000 minimum
1500 (rms)
Section 4.4.3
Section 4.4.5
Section 4.4.3
Section 4.4.4
Test Group C – Fifteen Specimens
Property
Unit
Requirement
Method of Test
Insulation Resistance
Heat Aging
Followed by test for:
Insulation Resistance
Dielectric Withstanding Voltage
Megaohms
Megaohms
Volts
5000 minimum
5000 minimum
1500 (rms)
Section 4.4.3
Section 4.4.3
Section 4.4.4
Test Group D – Fifteen Specimens
Property
Unit
Requirement
Method of Test
Insulation Resistance
Altitude Immersion
Followed by test for:
Insulation Resistance
Dielectric Withstanding Voltage
Megaohms
Megaohms
Volts
5000 minimum
5000 minimum
1500 (rms)
Section 4.4.3
Section 4.4.7
Section 4.4.3
Section 4.4.4
Test Group E– Two Caps
Property
Unit
Requirement
Method of Test
Corrosive Effect
Non-Corrosive
Section 4.4.8
Test Group F – Ten Assemblies
Flammability
Self extinguishing
within 10 seconds. No
ignition of tissue paper.
Section 4.4.9


Similar Part No. - 610001N004

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
610004-000 PANDUIT-610004-000 Datasheet
131Kb / 7P
   CAP, SPLICE ENCAPSULATION
logo
Wurth Elektronik GmbH &...
61000411921 WURTH-61000411921 Datasheet
352Kb / 7P
   WR-PHD SMT Socket Header
002.000
61000413321 WURTH-61000413321 Datasheet
283Kb / 7P
   WR-PHD SMT Socket Header
002.001
61000418221 WURTH-61000418221 Datasheet
350Kb / 7P
   WR-PHD SMT Pin Header
001.003
61000418321 WURTH-61000418321 Datasheet
549Kb / 4P
   2.54MM SMT PIN HEADER TYPE 2
13-JUN-18 G
More results

Similar Description - 610001N004

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D-300-01 PANDUIT-D-300-01 Datasheet
131Kb / 7P
   CAP, SPLICE ENCAPSULATION
logo
MolexKits
76650-0111 MOLEXKITS-76650-0111 Datasheet
38Kb / 2P
   SCPC Tap Splice Connector and Safety Cap
logo
Tyco Electronics
63130-2 MACOM-63130-2 Datasheet
56Kb / 1P
   SPLICE
logo
TE Connectivity Ltd
63625 TEC-63625 Datasheet
46Kb / 1P
   SPLICE
logo
MolexKits
76650-0049 MOLEXKITS-76650-0049 Datasheet
37Kb / 1P
   Self-Tapping Wire Splice, Tap-Splice, Pigtail Splice, Parallel Splice and In-Line Splice Connectors
logo
List of Unclassifed Man...
ATC900C ETC2-ATC900C Datasheet
182Kb / 6P
   Available with Encapsulation Option
SM2615FTR845 ETC2-SM2615FTR845 Datasheet
131Kb / 2P
   High temperature molded encapsulation
logo
Hitachi Semiconductor
DNA1002D HITACHI-DNA1002D Datasheet
50Kb / 1P
   HITACHI Encapsulation, DIP 16
logo
MPS Industries, Inc.
R7X1210M MPSIND-R7X1210M Datasheet
160Kb / 1P
   ENCAPSULATION MOLDED CHIP INDUCTOR
logo
Vishay Siliconix
WSRHP VISHAY-WSRHP Datasheet
103Kb / 4P
   Molded high temperature encapsulation
Revision: 21-Oct-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com