Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


D-300-12 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part No. D-300-12
Description  CAP, SPLICE ENCAPSULATION
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 1 page
background image
CUSTOMER DRAWING
Tyco Electronics
305 Constitution Dr
Menlo Park, CA
94025, U.S.A.
TITLE:
CAP, SPLICE ENCAPSULATION
Unless otherwise specified dimensions are in millimeters.
[Inches dimensions are shown in brackets]
Raychem
Devices
DOCUMENT NO.:
D-300-08/-12/-18
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS
IN MICRON
Tyco Electronics reserves the right to
amend this drawing at any time. Users
should evaluate the suitability of the
product for their application.
REV:
B
DATE:
31-July-08
DRAWN BY:
M. FORONDA
CAGE CODE:
06090
REPLACES:
D010044
ECO NUMBER:
08-018889
SCALE:
NTS
SIZE:
A
SHEET:
1 of 7
© 2008 Tyco Electronics Corporation. All rights reserved
If this document is printed it becomes uncontrolled. Check for the latest revision.
Product Dimensions
As Received
After Free Recovery
Maximum
Weight
Product
Name
A±2.54
(A±0.100)
øB
min
W
min
øB
max
W
min
Pounds/mpc
D-300-08
25.40
(1.000)
4.32
(0.170)
0.30
(0.012)
2.03
(0.080)
0.76
(0.030)
1.15
D-300-12
27.90
(1.100)
6.35
(0.250)
0.38
(0.015)
3.05
(0.120)
1.02
(0.040)
2.55
D-300-18
33.02
(1.300)
9.14
(0.360)
0.38
(0.015)
4.57
(0.180)
1.27
(0.050)
4.50
MATERIALS
1. MOLDED CAP: Heat-shrinkable, cross-linked modified polyolefin.
2. MELTABLE RING: Modified thermoplastic.
3. DEFORMABLE DAM: Radiation cross-linked, thermally stabilized modified polyolefin.
APPLICATION
1. These parts are designed to meet the requirements as shown in the Requirements Section when tested as listed.
2. Parts to be assembled as outlined herein.
3. “B” recovered is the maximum inside diameter of the heat-shrinkable cap.
4. “W” is the wall thickness of the molded cap only, and is measured along the vertical wall.
5. “A” is the average length of the cap and is equal to (A min + A max)/2.
1.0
SCOPE
This document covers the requirements and test procedures applicable to heat shrinkable, stub-splice
encapsulation cap (caps) and the molded component thereof.
2.0
APPLICABLE DOCUMENTS
The specifications and standards referenced herein shall form part of this specification to the extent
specified.
3mm ±1mm




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl