Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


D-300-08 Datasheet(PDF) 7 Page - PANDUIT CORP.

Part No. D-300-08
Description  CAP, SPLICE ENCAPSULATION
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 7 page
background image
CUSTOMER DRAWING
Tyco Electronics
305 Constitution Dr
Menlo Park, CA
94025, U.S.A.
TITLE:
CAP, SPLICE ENCAPSULATION
Unless otherwise specified dimensions are in millimeters.
[Inches dimensions are shown in brackets]
Raychem
Devices
DOCUMENT NO.:
D-300-08/-12/-18
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS
IN MICRON
Tyco Electronics reserves the right to
amend this drawing at any time. Users
should evaluate the suitability of the
product for their application.
REV:
B
DATE:
31-July-08
DRAWN BY:
M. FORONDA
CAGE CODE:
06090
REPLACES:
D010044
ECO NUMBER:
08-018889
SCALE:
NTS
SIZE:
A
SHEET:
7 of 7
© 2008 Tyco Electronics Corporation. All rights reserved
If this document is printed it becomes uncontrolled. Check for the latest revision.
Thermofit Assembly Procedure
1.
Strip the wires and install crimp type connector or solder wires together. Connector should be installed so that
1/6
± 1/32 of conductor is exposed between the connector and the wire insulation, as shown in Figure 1.
2.
Choose the proper size cap from the chart below. Place splice into cap so that the connector bottoms on the
rounded end of the cap.
3.
Heat the assembly, using a Thermogun, Model 500A, or equivalent, equipped with a TG-12 or TG-13A
reflector.
4.
The average length of time required for proper heating is given in the chart. However, since the heat sink effect
of various wire bundles may vary considerably, several trial specimens should be crossed-sectioned as shown in
Figure 2 before proceeding with production installations. If the area between the wires is not completely filled,
a longer heating cycle should be established.
5.
With wire bundles of more than three wires, it is helpful to slightly deform the cap by pinching in the area
above the connection at the end of the heating cycle and then returning the cap to the heat for an additional
period to allow the cap to return to its cylindrical shape.
Chart 1
Part
Splicer Diameter
Time
Name
Minimum
Maximum
(sec.)
D-300-08
2.03 (0.080)
3.04 (0.120)
30
D-300-12
3.04 (0.120)
5.08 (0.200)
45
D-300-18
4.57 (0.180)
7.62 (0.300)
60
Figure 1
Figure 2




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl