Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


D-300-08 Datasheet(PDF) 6 Page - PANDUIT CORP.

Part No. D-300-08
Description  CAP, SPLICE ENCAPSULATION
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 6 page
background image
CUSTOMER DRAWING
Tyco Electronics
305 Constitution Dr
Menlo Park, CA
94025, U.S.A.
TITLE:
CAP, SPLICE ENCAPSULATION
Unless otherwise specified dimensions are in millimeters.
[Inches dimensions are shown in brackets]
Raychem
Devices
DOCUMENT NO.:
D-300-08/-12/-18
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS
IN MICRON
Tyco Electronics reserves the right to
amend this drawing at any time. Users
should evaluate the suitability of the
product for their application.
REV:
B
DATE:
31-July-08
DRAWN BY:
M. FORONDA
CAGE CODE:
06090
REPLACES:
D010044
ECO NUMBER:
08-018889
SCALE:
NTS
SIZE:
A
SHEET:
6 of 7
© 2008 Tyco Electronics Corporation. All rights reserved
If this document is printed it becomes uncontrolled. Check for the latest revision.
TABLE 2
REQUIREMENTS FOR FINISHED CAP
Test Group A – Five Caps
Property
Unit
Requirement
Method of Test
Dimensions
Dimension Recovery
Inches
Inches
Sheet 1
Sheet 1
ASTM D 876
Section 4.4.2
Test Group B – Fifteen Specimens
Property
Unit
Requirement
Method of Test
Insulation Resistance
Temperature Cycling
Followed by test for:
Insulation Resistance
Dielectric Withstanding Voltage
Megaohms
Megaohms
Volts
5000 minimum
5000 minimum
1500 (rms)
Section 4.4.3
Section 4.4.5
Section 4.4.3
Section 4.4.4
Test Group C – Fifteen Specimens
Property
Unit
Requirement
Method of Test
Insulation Resistance
Heat Aging
Followed by test for:
Insulation Resistance
Dielectric Withstanding Voltage
Megaohms
Megaohms
Volts
5000 minimum
5000 minimum
1500 (rms)
Section 4.4.3
Section 4.4.3
Section 4.4.4
Test Group D – Fifteen Specimens
Property
Unit
Requirement
Method of Test
Insulation Resistance
Altitude Immersion
Followed by test for:
Insulation Resistance
Dielectric Withstanding Voltage
Megaohms
Megaohms
Volts
5000 minimum
5000 minimum
1500 (rms)
Section 4.4.3
Section 4.4.7
Section 4.4.3
Section 4.4.4
Test Group E– Two Caps
Property
Unit
Requirement
Method of Test
Corrosive Effect
Non-Corrosive
Section 4.4.8
Test Group F – Ten Assemblies
Flammability
Self extinguishing
within 10 seconds. No
ignition of tissue paper.
Section 4.4.9




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl