Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


D-300-08 Datasheet(PDF) 5 Page - PANDUIT CORP.

Part No. D-300-08
Description  CAP, SPLICE ENCAPSULATION
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 5 page
background image
CUSTOMER DRAWING
Tyco Electronics
305 Constitution Dr
Menlo Park, CA
94025, U.S.A.
TITLE:
CAP, SPLICE ENCAPSULATION
Unless otherwise specified dimensions are in millimeters.
[Inches dimensions are shown in brackets]
Raychem
Devices
DOCUMENT NO.:
D-300-08/-12/-18
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS
IN MICRON
Tyco Electronics reserves the right to
amend this drawing at any time. Users
should evaluate the suitability of the
product for their application.
REV:
B
DATE:
31-July-08
DRAWN BY:
M. FORONDA
CAGE CODE:
06090
REPLACES:
D010044
ECO NUMBER:
08-018889
SCALE:
NTS
SIZE:
A
SHEET:
5 of 7
© 2008 Tyco Electronics Corporation. All rights reserved
If this document is printed it becomes uncontrolled. Check for the latest revision.
TABLE 1
REQUIREMENTS FOR MOLDED COMPONENT
Property
Unit
Requirement
Method of Test
Tensile Strength
psi
1500 minimum
Section 4.3.1
Ultimate Elongation
percent
250 minimum
(ASTM D 412)
Stiffness
psi
10,000 minimum
25,000 maximum
ASTM D 747
Specific Gravity
1.40 maximum
ASTM D 792
Hardness
Shore D
50
±10
ASTM D 2240
Low Temperature Flexibility
4 hours @ -55
°C (-67°F)
No cracking
Section 4.3.2
Heat Shock
4 hours @ 225
°C (437°F)
No Dripping, flowing or
cracking
Section 4.3.3
Heat Aging
Section 4.3.4
Procedures A and B
Followed by test for:
Tensile Strength
Ultimate Elongation
psi
percent
1200 minimum
200 minimum
Section 4.3.1
(ASTM D 412)
Flammability
Non-burning
ASTM D 635
Fungus Resistance
Rating of 1 or less
ASTM D 876
Water Absorption
24 hours @ 25
° C (77°F)
percent
0.2 maximum
ASTM D 570
Procedure A
Solvent Resistance
24 hours @ 25
°C (77°F) in
JP-4 Fuel
Skydrol* 500
Hydraulic Fluid (MIL-H-5606)
Aviation Gasoline (100/130)
Water
Section 4.3.5
Followed by test for:
Tensile Strength
Ultimate Elongation
psi
percent
1200 minimum
200 minimum
Section 4.3.1
(ASTM D 412)




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl