Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67000-A8121 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # Q67000-A8121
Description  4-A DC Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A8121 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button Q67000-A8121 Datasheet HTML 4Page - Siemens Semiconductor Group Q67000-A8121 Datasheet HTML 5Page - Siemens Semiconductor Group Q67000-A8121 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-A8121 Datasheet HTML 7Page - Siemens Semiconductor Group Q67000-A8121 Datasheet HTML 8Page - Siemens Semiconductor Group Q67000-A8121 Datasheet HTML 9Page - Siemens Semiconductor Group Q67000-A8121 Datasheet HTML 10Page - Siemens Semiconductor Group Q67000-A8121 Datasheet HTML 11Page - Siemens Semiconductor Group Q67000-A8121 Datasheet HTML 12Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Semiconductor Group
10
1998-02-01
TLE 4203
Saturation Voltage versus
Output Current
Saturation Voltage versus
Output Current
Short-Circuit Current versus
Output Voltage
V
A = VQ for sink operation
V
A = VS VQ for source operation
Diode Forward Voltage versus
Output Current
AED00623
0
-50
0
50
100
150 ˚C 200
50
100
150
200
250
mA
Q
Ι
j
T
=12 V
S
V
R
L=2.4 Ω
V
1/2 <
Ι
V Ι L
2
Ι
V
Ι =
1
V
H
Ι
V
Ι
>
1/2
V
AED00624
0.0
0
Ι
V
Q
Q
1
2
3
4
5
A
= 25 ˚C
T
C
V
Q Sato
Satu
Q
V
0.5
1.0
1.5
2.0
V
3.0
AED00625
0
0
V
Ι
Q
C
T
10
20
30
40
V
Q
1
2
3
4
5
6
A
= 25 ˚C
AED00626
0.0
0
Ι
V
Q
Q
1
2
3
4
5
A
= 25 ˚C
T
C
V
Q
0.2
0.4
0.6
0.8
1.0
V
1.4
Fo
Fu
Q
V


Similar Part No. - Q67000-A8121

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67000-A8109 SIEMENS-Q67000-A8109 Datasheet
283Kb / 26P
   Dual Power Operational Amplifier
Q67000-A8118 SIEMENS-Q67000-A8118 Datasheet
373Kb / 13P
   Intelligent Double Low-Side Switch 2 x 2 A
Q67000-A8142 SIEMENS-Q67000-A8142 Datasheet
732Kb / 21P
   SMPS - IC with SIPMOS Driver Output
Q67000-A8143 SIEMENS-Q67000-A8143 Datasheet
732Kb / 21P
   SMPS - IC with SIPMOS Driver Output
Q67000-A8163 SIEMENS-Q67000-A8163 Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
More results

Similar Description - Q67000-A8121

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4202B SIEMENS-TLE4202B Datasheet
106Kb / 14P
   2-A DC Motor Driver
TLE4205 SIEMENS-TLE4205 Datasheet
133Kb / 13P
   1-A DC Motor Driver
TLE5203 SIEMENS-TLE5203 Datasheet
161Kb / 18P
   3-A DC Motor Driver
TLE5204 SIEMENS-TLE5204 Datasheet
147Kb / 15P
   3-A DC Motor Driver
logo
Infineon Technologies A...
TLE4205 INFINEON-TLE4205 Datasheet
120Kb / 13P
   1-A DC Motor Driver
2004-02-25
TLE4205G INFINEON-TLE4205G_15 Datasheet
1Mb / 14P
   1-A DC Motor Driver
Rev. 1.1, 2015-01-15
logo
Siemens Semiconductor G...
TLE5207 SIEMENS-TLE5207 Datasheet
159Kb / 16P
   5-A DC Motor Driver with Inhibit
logo
Infineon Technologies A...
TLE4206G INFINEON-TLE4206G_15 Datasheet
605Kb / 15P
   1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
logo
Siemens Semiconductor G...
TLE4206 SIEMENS-TLE4206 Datasheet
142Kb / 14P
   1-A DC Motor Driver for Servo Driver Applications
logo
Infineon Technologies A...
TLE4206-2G INFINEON-TLE4206-2G Datasheet
621Kb / 16P
   1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com