Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


D-150-0169 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part No. D-150-0169
Description  (1 TO 1 SPLICES-CRIMP) SOLDERSHIELD SPLICE KIT, SHIELDED CABLE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 1 page
background image
SPECIFICATION CONTROL DRAWING
TE Connectivity
300 Constitution Drive
Menlo Park, CA 94025 USA
RAYCHEM
TITLE :
(1 TO 1 SPLICES-CRIMP)
SOLDERSHIELD SPLICE KIT,
SHIELDED CABLE
Unless otherwise specified dimensions are in millimeters.
Inches dimensions are in between brackets.
DOCUMENT NO.:
D-150-0168-0170/0174-0181
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend this
drawing at any time. Users should evaluate the
suitability of the product for their application.
DATE:
15-Apr-11
DOC ISSUE:
10
DRAWN BY:
M. FORONDA
REPLACES:
D000670
DCR NUMBER:
D010319
PROD. REV.
SEE TABLE
SCALE:
None
SIZE:
A
SHEET:
1 of 1
Print Date: 9-May-11 If this document is printed it becomes uncontrolled. Check for the latest revision.
Product Revisions
Primary
AWG
Color
Product Dimensions
Part Names
No.
Range
Code
L Max
A2.54 (0.100)
øD1
øD2
øD3
D-150-0168
A
1
26-20
Red
80.52 (3.170)
50.30 (1.970)
3.00 (0.118)
1.14 (0.045)
2.79 (0.110)
D-150-0169
B
1
20-16
Blue
80.52 (3.170)
50.30 (1.970)
4.00 (0.157)
1.63 (0.064)
4.00 (0.157)
D-150-0170
B
1
16-12
Yellow
80.52 (3.170)
50.30 (1.970)
5.00 (0.197)
2.46 (0.097)
4.32 (0.170)
D-150-0174
A
2
26-20
Red
105.92 (4.170)
74.93 (2.950)
4.00 (0.157)
1.14 (0.045)
2.16 (0.085)
D-150-0175
D
2
18-16
Blue
105.92 (4.170)
74.93 (2.950)
5.00 (0.197)
1.63 (0.064)
2.79 (0.110)
D-150-0176
B
2
14
Yellow
105.92 (4.170)
74.93 (2.950)
6.00 (0.236)
2.46 (0.097)
4.32 (0.170)
D-150-0177
B
2
12
Yellow
105.92 (4.170)
74.93 (2.950)
9.04 (0.356)
2.46 (0.097)
4.32 (0.170)
D-150-0178
A
3/4
26-20
Red
105.92 (4.170)
74.93 (2.950)
4.00 (0.157)
1.14 (0.045)
2.16 (0.085)
D-150-0179
A
3/4
22-20
Red
105.92 (4.170)
74.93 (2.950)
5.00 (0.197)
1.14 (0.045)
2.16 (0.085)
D-150-0180
A
3/4
18-16
Blue
105.92 (4.170)
74.93 (2.950)
6.00 (0.236)
1.63 (0.064)
2.79 (0.110)
D-150-0181
B
3/4
14-12
Yellow
105.92 (4.170)
74.93 (2.950)
9.04 (0.356)
2.46 (0.097)
4.32 (0.170)
MATERIALS
1. SOLDERSHIELD SPLICE SLEEVE: Heat-shrinkable, radiation cross-linked modified polyvinylidene fluoride sleeve,
containing two environment resistant sealing rings and a solder impregnated, flux-coated copper-wire braid.
Transparent blue.
SOLDER: TYPE Sn63 per ANSI J-STD-006.
FLUX:
TYPE ROM1 per ANSI J-STD-004.
2. CRIMP SPLICE (1, 2, OR 4 PER KIT): Tin-plated copper alloy with color code stripe.
3. SEALING SPLICE SLEEVE (1, 2, OR 4 PER KIT): Heat-shrinkable, radiation cross-linked modified polyvinylidene
fluoride sleeve, containing two environment resistant sealing rings. Transparent blue.
APPLICATION
1. These kits are designed to make an environment-resistant, 1 to 1 in-line splice in shielded single, twisted pair, trio and quad
cables having tin or silver-plated conductors and insulations rated for 135C minimum.
2. Temperature rating: -55C to +150C.
3. For installation procedures refer to the applicable sections of Raychem Process Standard RCPS 150-02.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl