Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


D-108-03 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part No. D-108-03
Description  SOLDERSLEEVE SHIELD TERMINATOR
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 1 page
background image
SPECIFICATION CONTROL DRAWING
Raychem
THERMOFIT
DEVICES
Raychem Corporation
300 Constitution Drive
Menlo Park, CA 94025
USA
TITLE:
SOLDERSLEEVE
SHIELD TERMINATOR
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO. :
D-108-00/-01/-02/-03
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
Raychem reserves the right to amend this
drawing at any time. Users should evaluate
the suitability of the product for their
application.
DCR NUMBER:
D980867
REPLACES:
D961392
DRAWN BY:
M. FORONDA
DATE:
04/09/98
PROD. REV.
SEE TABLE
DOC ISSUE:
3
SCALE:
None
SIZE:
A
SHEET:
1 of 1
If this document is printed it becomes uncontrolled. Check for the latest revision.
Product Revision
Product Dimensions
Product Name
L MAX
øA min
øB min
D-108-00
F
17.25
(0.680)
1.9
(0.075)
2.4
(0.095)
D-108-01
F
17.25
(0.680)
2.8
(0.110)
3.15
(0.125)
D-108-02
E
17.25
(0.680)
4.4
(0.175)
5.0
(0.200)
D-108-03
F
20.5
(0.810)
7.1
(0.280)
7.6
(0.300)
MATERIAL
1. INSULATION SLEEVE: HEAT-SHRINKABLE, RADIATION CROSS-LINKED POLYVINYLIDENE
FLOURIDE. TRANSPARENT BLUE.
2. SOLDER PREFORM WITH FLUX:
Solder: Sn96 Ag4 per ANSI J-STD-006.
Flux: ROL1 per ANSI J-STD-004.
3 & 4. MELTABLE INSERTS: Polyolefin-based thermoplastic. Color : red.
NOTES
A. The parts covered by this SCD are for use in attaching a ground wire to the shield of a cable. They may
be used on cables rated for at least 135
°C minimum, having silver plated copper shields and meeting
the dimensional criteria shown in the table.
B. Parts will meet requirements of Raychem specification RT-1404 and National Aerospace Standard
NAS-1747 when installed per Raychem-approved convection or infrared tools in accordance with
Raychem assembly procedure RCPS-100-70.
TEMPERATURE RATING: -55
°C to +175°C.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl