Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


D-101-33 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part No. D-101-33
Description  SOLDERSLEEVE* DEVICE WITH PRE-INSTALLED LEAD
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 1 page
background image
SPECIFICATION CONTROL DRAWING
THERMOFIT
DEVICES
TE connectivity
300 Constitution Drive
Menlo Park, CA 94025
USA
TITLE:
SOLDERSLEEVE* DEVICE
WITH PRE-INSTALLED LEAD
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
D-101-3X
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend
this drawing at any time. Users should evaluate
the suitability of the product for their
application.
DCR NUMBER:
D981004
REPLACES:
D1013X
DRAWN BY:
M. FORONDA
DATE:
06/15/98
PROD. REV.
SEE TABLE
DOC ISSUE:
5
SCALE:
None
SIZE:
A
SHEET:
1 of 1
Print Date: 11-May-11 If this document is printed it becomes uncontrolled. Check for the latest revision
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked polyvinylidene fluoride.
2. SOLDER PREFORM WITH FLUX:
SOLDER:
TYPE Sn63 per ANSI-J-STD-006.
FLUX:
TYPE ROL1 per ANSI-J-STD-004.
THERMAL INDICATOR: red.
3. MELTABLE RINGS: Thermally stabilized thermoplastic. Color:gray.
4. GROUND LEAD: Raychem 55A0111-XY in accordance with MIL-W-22759/32 AWG ‘XY’ (see table) stranded
tin plated copper. Color: see table.
APPLICATION
1. These parts are designed to provide an environment protected shield termination on cables, rated for 125
°C minimum, meeting the
dimensional criteria listed, having tin or silverplated copper shields.
2. Temperature range: -55
°C to +150°C.
Install using Raychem-approved convection or infrared heating tools in accordance with Raychem process standard RCPS-100-70.
For best results, prepare the cable as shown:
* A trademark of TE Connectivity.
‘XY’ = WIRE GAUGE (AWG)
Product Revision
Product Dimensions
Cable Dimensions
Product Name
L
max
øA
min
øB
min
K
min
AWG
øD
max
øE
min
J
±0.5
(J
±0.02)
Color of
Item 4
D-101-33
J
22
black
D-101-34
K
17.0
4.30
5.00
150
22
4.30
1.78
7.00
white
D-101-35
J
(0.670)
(0.170)
(0.200)
(5.900)
20
(0.170)
(0.070)
(0.275)
black
D-101-36
J
20
white




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl